Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6650UEB Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6650UEB
Description  Evaluation Board Manual
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6650UEB Datasheet(HTML) 4 Page - Sipex Corporation

  SP6650UEB Datasheet HTML 1Page - Sipex Corporation SP6650UEB Datasheet HTML 2Page - Sipex Corporation SP6650UEB Datasheet HTML 3Page - Sipex Corporation SP6650UEB Datasheet HTML 4Page - Sipex Corporation SP6650UEB Datasheet HTML 5Page - Sipex Corporation SP6650UEB Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. 3/23/01
SP6650 Evaluation Board Manual
© Copyright 2001 Sipex Corporation
4
TABLE 1: SP6650UEB LIST OF MATERIALS
Component
VOUT = 3.3V, Int FB
VOUT = 2.5V, Ext FB
VOUT = 1.25V, Ext FB
L1
22
µH,CDRH6D28
22
µH,CDRH6D28
22
µH,CDRH6D28
Sumida
Sumida
Sumida
CIN
47
µF, AVX TPSD
47
µF, AVX TPSD
47
µF, AVX TPSD
COUT
47
µF, AVX TPSD
47
µF, AVX TPSD
47
µF, AVX TPSD
RB
100k 5%
100k 5%
100k 5%
RVIN
10
Ω 5%
10
Ω 5%
10
Ω 5%
CVIN
1
µF ceramic
1
µF ceramic
1
µF ceramic
RI
100k 1%
100k 1%
100k 1%
RF
open
100k 1%
short
CF
open
470pF ceramic
open
U1
SP6650
SP6650
SP6650


Similar Part No. - SP6650UEB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6650 SIPEX-SP6650 Datasheet
256Kb / 17P
   High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6650EU SIPEX-SP6650EU Datasheet
256Kb / 17P
   High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
SP6650EU/TR SIPEX-SP6650EU/TR Datasheet
256Kb / 17P
   High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
More results

Similar Description - SP6650UEB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EB SIPEX-SP6660EB Datasheet
35Kb / 6P
   Evaluation Board Manual
SP6661EB SIPEX-SP6661EB Datasheet
51Kb / 5P
   Evaluation Board Manual
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
   Evaluation Board Manual
logo
Motorola, Inc
MC145192EVK MOTOROLA-MC145192EVK Datasheet
282Kb / 48P
   Evaluation Board Manual
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
   Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
   Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
   Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
   Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
   Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
   Evaluation Board Manual
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com