Electronic Components Datasheet Search |
|
LM1117DT-ADJ Datasheet(PDF) 5 Page - Texas Instruments |
|
LM1117DT-ADJ Datasheet(HTML) 5 Page - Texas Instruments |
5 / 36 page LM1117 www.ti.com SNOS412N – FEBRUARY 2000 – REVISED JANUARY 2016 6.5 LM1117 Electrical Characteristics unless otherwise specified, TJ = 25°C. PARAMETER TEST CONDITIONS MIN(1) TYP(2) MAX(1) UNIT LM1117-ADJ 1.238 1.25 1.262 IOUT = 10 mA, VIN – VOUT = 2 V, TJ = 25°C VREF Reference Voltage TJ = 25°C 1.25 V LM1117-ADJ 10 mA ≤ IOUT ≤ 800 mA, 1.4 V ≤ over the junction temperature range 1.225 1.27 VIN – VOUT ≤ 10 V 0°C to 125°C LM1117-1.8 1.782 1.8 1.818 IOUT = 10 mA, VIN = 3.8 V, TJ = 25°C TJ = 25°C 1.8 V LM1117-1.8 0 ≤ IOUT ≤ 800 mA, 3.2 V ≤ VIN ≤ over the junction temperature range 1.746 1.854 10 V 0°C to 125°C LM1117-2.5 2.475 2.5 2.525 IOUT = 10 mA, VIN = 4.5 V, TJ = 25°C TJ = 25°C 2.5 V LM1117-2.5 0 ≤ IOUT ≤ 800 mA, 3.9 V ≤ VIN ≤ over the junction temperature range 2.45 2.55 10 V 0°C to 125°C VOUT Output Voltage LM1117-3.3 3.267 3.3 3.333 IOUT = 10 mA, VIN = 5 V TJ = 25°C TJ = 25°C 3.3 V LM1117-3.3 0 ≤ IOUT ≤ 800 mA, 4.75 V ≤ VIN ≤ over the junction temperature range 3.235 3.365 10 V 0°C to 125°C LM1117-5.0 4.95 5 5.05 IOUT = 10 mA, VIN = 7 V, TJ = 25°C TJ = 25°C 5 V LM1117-5.0 0 ≤ IOUT ≤ 800 mA, 6.5 V ≤ VIN ≤ over the junction temperature range 4.9 5.1 12 V 0°C to 125°C TJ = 25°C 0.035% LM1117-ADJ IOUT = 10mA, 1.5V ≤ VIN-VOUT ≤ over the junction temperature range 0.2% 13.75V 0°C to 125°C TJ = 25°C 1 LM1117-1.8 mV over the junction temperature range IOUT = 0 mA, 3.2 V ≤ VIN ≤ 10 V 6 0°C to 125°C TJ = 25°C 1 LM1117-2.5 ΔVOUT Line Regulation(3) mV over the junction temperature range IOUT = 0 mA, 3.9 V ≤ VIN ≤ 10 V 6 0°C to 125°C TJ = 25°C 1 LM1117-3.3 mV over the junction temperature range IOUT = 0 mA, 4.75 V ≤ VIN ≤ 15 V 6 0°C to 125°C TJ = 25°C 1 LM1117-5.0 mV over the junction temperature range IOUT = 0 mA, 6.5 V ≤ VIN ≤ 15 V 10 0°C to 125°C TJ = 25°C 0.2% LM1117-ADJ VIN – VOUT = 3 V, 10 ≤ IOUT ≤ 800 over the junction temperature range 0.4% mA 0°C to 125°C TJ = 25°C 1 LM1117-1.8 mV over the junction temperature range VIN = 3.2 V, 0 ≤ IOUT ≤ 800 mA 10 0°C to 125°C TJ = 25°C 1 LM1117-2.5 ΔVOUT Load Regulation(3) mV over the junction temperature range VIN = 3.9 V, 0 ≤ IOUT ≤ 800 mA 10 0°C to 125°C TJ = 25°C 1 LM1117-3.3 mV over the junction temperature range VIN = 4.75 V, 0 ≤ IOUT ≤ 800 mA 10 0°C to 125°C TJ = 25°C 1 LM1117-5.0 mV over the junction temperature range VIN = 6.5 V, 0 ≤ IOUT ≤ 800 mA 15 0°C to 125°C (1) All limits are ensured by testing or statistical analysis. (2) Typical Values represent the most likely parametric normal. (3) Load and line regulation are measured at constant junction room temperature. Copyright © 2000–2016, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM1117 |
Similar Part No. - LM1117DT-ADJ |
|
Similar Description - LM1117DT-ADJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |