Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1117IDT-3.3 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM1117IDT-3.3
Description  800-mA Low-Dropout Linear Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117IDT-3.3 Datasheet(HTML) 4 Page - Texas Instruments

  LM1117IDT-3.3 Datasheet HTML 1Page - Texas Instruments LM1117IDT-3.3 Datasheet HTML 2Page - Texas Instruments LM1117IDT-3.3 Datasheet HTML 3Page - Texas Instruments LM1117IDT-3.3 Datasheet HTML 4Page - Texas Instruments LM1117IDT-3.3 Datasheet HTML 5Page - Texas Instruments LM1117IDT-3.3 Datasheet HTML 6Page - Texas Instruments LM1117IDT-3.3 Datasheet HTML 7Page - Texas Instruments LM1117IDT-3.3 Datasheet HTML 8Page - Texas Instruments LM1117IDT-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM1117
SNOS412N – FEBRUARY 2000 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Maximum Input Voltage (VIN to GND)
20
V
Power Dissipation(2)
Internally Limited
Junction Temperature (TJ)
(2)
150
°C
TO-220 (T) Package, 10 s
260
Lead Temperature
°C
SOT-223 (MP) Package, 4 s
260
Storage Temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The maximum power dissipation is a function of TJ(max) , RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max)–TA)/RθJA. All numbers apply for packages soldered directly into a PCB.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ±2000
V may actually have higher performance.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Input Voltage (VIN to GND)
15
V
LM1117
0
125
°C
Junction Temperature (TJ)
(1)
LM1117I
−40
125
(1)
The maximum power dissipation is a function of TJ(max) , RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(max)–TA)/RθJA. All numbers apply for packages soldered directly into a PCB.
6.4 Thermal Information
LM1117, LM1117I
DCY
NDE
NDP
NGN
KTT
THERMAL METRIC(1)
UNIT
(SOT-223)
(TO-220)
(TO-252)
(WSON)
(TO-263)
4 PINS
3 PINS
3 PINS
8 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
61.6
23.8
45.1
39.3
41.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
42.5
16.6
52.1
31.4
44.1
°C/W
RθJB
Junction-to-board thermal resistance
10.4
5.3
29.8
16.5
24.2
°C/W
ψJT
Junction-to-top characterization parameter
2.9
3.1
4.5
0.3
10.9
°C/W
ψJB
Junction-to-board characterization parameter
10.3
5.3
29.4
16.7
23.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.5
1.3
5.6
1.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Product Folder Links: LM1117


Similar Part No. - LM1117IDT-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1117IDT-3.3 NSC-LM1117IDT-3.3 Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
LM1117IDT-3.3 NSC-LM1117IDT-3.3 Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117IDT-3.3/NOPB TI1-LM1117IDT-3.3/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117IDT-3.3/NOPB TI1-LM1117IDT-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
LM1117IDT-3.3/NOPB TI1-LM1117IDT-3.3/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
More results

Similar Description - LM1117IDT-3.3

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117 MICROCHIP-TC2117_06 Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com