Electronic Components Datasheet Search |
|
LM1117IMP-ADJ Datasheet(PDF) 4 Page - Texas Instruments |
|
LM1117IMP-ADJ Datasheet(HTML) 4 Page - Texas Instruments |
4 / 36 page LM1117 SNOS412N – FEBRUARY 2000 – REVISED JANUARY 2016 www.ti.com 6 Specifications 6.1 Absolute Maximum Ratings over operating free-air temperature range (unless otherwise noted) (1) MIN MAX UNIT Maximum Input Voltage (VIN to GND) 20 V Power Dissipation(2) Internally Limited Junction Temperature (TJ) (2) 150 °C TO-220 (T) Package, 10 s 260 Lead Temperature °C SOT-223 (MP) Package, 4 s 260 Storage Temperature, Tstg –65 150 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) The maximum power dissipation is a function of TJ(max) , RθJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)–TA)/RθJA. All numbers apply for packages soldered directly into a PCB. 6.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1) ±2000 V (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. Pins listed as ±2000 V may actually have higher performance. 6.3 Recommended Operating Conditions over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT Input Voltage (VIN to GND) 15 V LM1117 0 125 °C Junction Temperature (TJ) (1) LM1117I −40 125 (1) The maximum power dissipation is a function of TJ(max) , RθJA, and TA. The maximum allowable power dissipation at any ambient temperature is PD = (TJ(max)–TA)/RθJA. All numbers apply for packages soldered directly into a PCB. 6.4 Thermal Information LM1117, LM1117I DCY NDE NDP NGN KTT THERMAL METRIC(1) UNIT (SOT-223) (TO-220) (TO-252) (WSON) (TO-263) 4 PINS 3 PINS 3 PINS 8 PINS 3 PINS RθJA Junction-to-ambient thermal resistance 61.6 23.8 45.1 39.3 41.3 °C/W RθJC(top) Junction-to-case (top) thermal resistance 42.5 16.6 52.1 31.4 44.1 °C/W RθJB Junction-to-board thermal resistance 10.4 5.3 29.8 16.5 24.2 °C/W ψJT Junction-to-top characterization parameter 2.9 3.1 4.5 0.3 10.9 °C/W ψJB Junction-to-board characterization parameter 10.3 5.3 29.4 16.7 23.2 °C/W RθJC(bot) Junction-to-case (bottom) thermal resistance — 1.5 1.3 5.6 1.3 °C/W (1) For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application report, SPRA953. 4 Submit Documentation Feedback Copyright © 2000–2016, Texas Instruments Incorporated Product Folder Links: LM1117 |
Similar Part No. - LM1117IMP-ADJ |
|
Similar Description - LM1117IMP-ADJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |