Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65020RHARG4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65020RHARG4
Description  Power Management IC
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65020RHARG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65020RHARG4 Datasheet HTML 7Page - Texas Instruments TPS65020RHARG4 Datasheet HTML 8Page - Texas Instruments TPS65020RHARG4 Datasheet HTML 9Page - Texas Instruments TPS65020RHARG4 Datasheet HTML 10Page - Texas Instruments TPS65020RHARG4 Datasheet HTML 11Page - Texas Instruments TPS65020RHARG4 Datasheet HTML 12Page - Texas Instruments TPS65020RHARG4 Datasheet HTML 13Page - Texas Instruments TPS65020RHARG4 Datasheet HTML 14Page - Texas Instruments TPS65020RHARG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
TPS65020
www.ti.com
SLVS607D – SEPTEMBER 2005 – REVISED JANUARY 2016
7.9 Electrical Characteristics: VDCDC2 Step-Down Converter
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VI
Input voltage range, VINDCDC2
2.5
6
V
IO
Maximum output current
1000
mA
I(SD)
Shutdown supply current in VINDCDC2
DCDC2_EN = GND
0.1
1
μA
rDS(on)
P-channel MOSFET on-resistance
VINDCDC2 = V(GS) = 3.6 V
140
300
m
Ilkg
P-channel leakage current
VINDCDC2 = 6 V
2
μA
rDS(on)
N-channel MOSFET on-resistance
VINDCDC2 = V(GS) = 3.6 V
150
297
m
Ilkg
N-channel leakage current
V(DS) = 6 V
7
10
μA
ILIMF
Forward current limit (P- and N-channel)
2.5 V < VINDCDC2 < 6 V
1.4
1.55
1.7
A
fS
Oscillator frequency
1.3
1.5
1.7
MHz
VINDCDC2 = 2.5 V to 6 V;
1.8 V
–2%
2%
0 mA
≤ IO ≤ 1 A
Fixed output voltage
FPWMDCDC2=0
VINDCDC2 = 2.8 V to 6 V;
2.5 V
–2%
2%
0 mA
≤ IO ≤ 1 A
VINDCDC2 = 2.5 V to 6 V;
1.8 V
–2%
2%
0 mA
≤ IO ≤ 1 A
Fixed output voltage
FPWMDCDC2=1
VINDCDC2 = 2.8 V to 6 V;
2.5 V
–1%
1%
0 mA
≤ IO ≤ 1 A
Adjustable output voltage with resistor
VINDCDC2 = VDCDC2 +0.3 V (min 2.5 V)
–2%
2%
divider at DEFDCDC2 FPWMDCDC2=0
to 6 V; 0 mA
≤ IO ≤ 1 A
Adjustable output voltage with resistor
VINDCDC2 = VDCDC2 +0.3 V (min 2.5 V)
–1%
1%
divider at DEFDCDC2; FPWMDCDC2=1
to 6 V; 0 mA
≤ IO ≤ 1 A
VINDCDC2 = VDCDC2 + 0.3 V (min. 2.5 V)
Line Regulation
0%
V
to 6 V; IO = 10 mA
Load Regulation
IO = 10 mA to 1 mA
0.25%
A
VDCDC2 ramping from 5% to 95% of target
Soft-start ramp time
750
μs
value
Internal resistance from L2 to GND
1
M
VDCDC2 discharge resistance
300
(1)
Typical values are at TA = 25°C
7.10 Electrical Characteristics: VDCDC3 Step-Down Converter
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, VBACKUP = 3 V, TA = –40°C to 85°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
VI
Input voltage range, VINDCDC3
2.5
6
V
IO
Maximum output current
800
mA
I(SD)
Shutdown supply current in VINDCDC3
DCDC3_EN = GND
0.1
1
μA
rDS(on)
P-channel MOSFET on-resistance
VINDCDC3 = V(GS) = 3.6 V
310
698
m
Ilkg
P-channel leakage current
VINDCDC3 = 6 V
0.1
2
μA
rDS(on)
N-channel MOSFET on-resistance
VINDCDC3 = V(GS) = 3.6 V
220
503
m
Ilkg
N-channel leakage current
V(DS) = 6 V
7
10
μA
Forward current limit (P- and N-channel)
2.5 V < VINDCDC3 < 6 V
1.05
1.2
1.35
A
fS
Oscillator frequency
1.3
1.5
1.7
MHz
Fixed output voltage
VINDCDC3 = 2.5 V to 6 V;
–2%
2%
FPWMDCDC3=0
0 mA
≤ IO ≤ 600 mA
All VDCDC3
Fixed output voltage
VINDCDC3 = 2.5 V to 6 V;
–1%
1%
FPWMDCDC3=1
0 mA
≤ IO ≤ 600 mA
(1)
Typical values are at TA = 25°C
Copyright © 2005–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65020


Similar Part No. - TPS65020RHARG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020RHAR TI-TPS65020RHAR Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS65020RHARG4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
   Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
TPS65023 TI1-TPS65023_15 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC
logo
Infineon Technologies A...
PMICTLF30681QVS01 INFINEON-PMICTLF30681QVS01 Datasheet
1Mb / 133P
   Power management IC
Rev. 1.0 2020-04-08
logo
Maxim Integrated Produc...
MAX77826 MAXIM-MAX77826 Datasheet
1Mb / 74P
   Power Management IC
Rev 1; 7/15
logo
Texas Instruments
TPS65030 TI1-TPS65030_15 Datasheet
1Mb / 27P
[Old version datasheet]   Power-Management IC
logo
IC-Haus GmbH
IC-JJ ICHAUS-IC-JJ Datasheet
675Kb / 17P
   POWER MANAGEMENT iC
logo
ON Semiconductor
HPM10 ONSEMI-HPM10 Datasheet
143Kb / 17P
   Power Management IC
October, 2015 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
   Mobile power management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
   Mobile Power Management IC
logo
Rohm
BD2200GUL ROHM-BD2200GUL Datasheet
161Kb / 5P
   Power management switch IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com