Electronic Components Datasheet Search |
|
LM1117MP-ADJ Datasheet(PDF) 7 Page - Texas Instruments |
|
LM1117MP-ADJ Datasheet(HTML) 7 Page - Texas Instruments |
7 / 36 page LM1117 www.ti.com SNOS412N – FEBRUARY 2000 – REVISED JANUARY 2016 6.6 LM1117I Electrical Characteristics unless otherwise specified, TJ = 25°C. PARAMETER TEST CONDITIONS MIN(1) TYP(2) MAX(1) UNIT LM1117I-ADJ 1.238 1.25 1.262 IOUT = 10 mA, VIN – VOUT = 2 V, TJ = 25°C TJ = 25°C 1.25 VREF Reference Voltage V LM1117I-ADJ over the junction 10 mA ≤ IOUT ≤ 800 mA, 1.4 V ≤ temperature range 1.2 1.29 VIN – VOUT ≤ 10 V –40°C to 125°C LM1117I-3.3 3.267 3.3 3.333 IOUT = 10 mA, VIN = 5 V, TJ = 25°C TJ = 25°C 3.3 V LM1117I-3.3 over the junction 0 ≤ IOUT ≤ 800 mA, 4.75 V ≤ VIN ≤ temperature range 3.168 3.432 10 V –40°C to 125°C VOUT Output Voltage LM1117I-5.0 4.95 5 5.05 IOUT = 10 mA, VIN = 7 V, TJ = 25°C TJ = 25°C 5 V LM1117I-5.0 over the junction 0 ≤ IOUT ≤ 800 mA, 6.5 V ≤ VIN ≤ 12 temperature range 4.8 5.2 V –40°C to 125°C TJ = 25°C 0.035% LM1117I-ADJ IOUT = 10 mA, 1.5 V ≤ VIN – VOUT ≤ over the junction 13.75 V temperature range 0.3% –40°C to 125°C TJ = 25°C 1 ΔVOUT Line Regulation(3) LM1117I-3.3 over the junction mV IOUT = 0 mA, 4.75 V ≤ VIN ≤ 15 V temperature range 10 –40°C to 125°C TJ = 25°C 1 LM1117I-5.0 over the junction mV IOUT = 0 mA, 6.5 V ≤ VIN ≤ 15 V temperature range 15 –40°C to 125°C TJ = 25°C 0.2% LM1117I-ADJ over the junction VIN – VOUT = 3 V, 10 ≤ IOUT ≤ 800 temperature range 0.5% mA –40°C to 125°C TJ = 25°C 1 LM1117I-3.3 over the junction ΔVOUT Load Regulation(3) mV VIN = 4.75 V, 0 ≤ IOUT ≤ 800 mA temperature range 15 –40°C to 125°C TJ = 25°C 1 LM1117I-5.0 over the junction mV VIN = 6.5 V, 0 ≤ IOUT ≤ 800 mA temperature range 20 –40°C to 125°C (1) All limits are ensured by testing or statistical analysis. (2) Typical Values represent the most likely parametric normal. (3) Load and line regulation are measured at constant junction room temperature. Copyright © 2000–2016, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM1117 |
Similar Part No. - LM1117MP-ADJ |
|
Similar Description - LM1117MP-ADJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |