Electronic Components Datasheet Search |
|
LM1117S-ADJ Datasheet(PDF) 1 Page - Texas Instruments |
|
LM1117S-ADJ Datasheet(HTML) 1 Page - Texas Instruments |
1 / 36 page Product Folder Sample & Buy Technical Documents Tools & Software Support & Community Reference Design LM1117 SNOS412N – FEBRUARY 2000 – REVISED JANUARY 2016 LM1117 800-mA Low-Dropout Linear Regulator 1 Features 3 Description The LM1117 is a low dropout voltage regulator with a 1 • Available in 1.8 V, 2.5 V, 3.3 V, 5 V, and dropout of 1.2 V at 800 mA of load current. Adjustable Versions The LM1117 is available in an adjustable version, • Space-Saving SOT-223 and WSON Packages which can set the output voltage from 1.25 to 13.8 V • Current Limiting and Thermal Protection with only two external resistors. In addition, it is • Output Current 800 mA available in five fixed voltages, 1.8 V, 2.5 V, 3.3 V, • Line Regulation 0.2% (Maximum) and 5 V. • Load Regulation 0.4% (Maximum) The LM1117 offers current limiting and thermal shutdown. Its circuit includes a Zener trimmed • Temperature Range bandgap reference to assure output voltage accuracy – LM1117: 0°C to 125°C to within ±1%. – LM1117I: −40°C to 125°C A minimum of 10-µF tantalum capacitor is required at the output to improve the transient response and 2 Applications stability. • Post Regulator for Switching DC–DC Converter Device Information(1) • High Efficiency Linear Regulators PART NUMBER PACKAGE BODY SIZE (NOM) • Battery Chargers SOT-223 (4) 6.50 mm × 3.50 mm • Portable Instrumentation TO-220 (3) 14.986 mm × 10.16 mm • Active SCSI Termination Regulator LM1117, TO-252 (3) 6.58 mm × 6.10 mm LM1117I WSON (8) 4.00 mm × 4.00 mm TO-263 (3) 10.18 mm × 8.41 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. Adjustable Output Regulator 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Similar Part No. - LM1117S-ADJ |
|
Similar Description - LM1117S-ADJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |