Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS715-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS715-Q1
Description  Supply Current Low-Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS715-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  TPS715-Q1 Datasheet HTML 1Page - Texas Instruments TPS715-Q1 Datasheet HTML 2Page - Texas Instruments TPS715-Q1 Datasheet HTML 3Page - Texas Instruments TPS715-Q1 Datasheet HTML 4Page - Texas Instruments TPS715-Q1 Datasheet HTML 5Page - Texas Instruments TPS715-Q1 Datasheet HTML 6Page - Texas Instruments TPS715-Q1 Datasheet HTML 7Page - Texas Instruments TPS715-Q1 Datasheet HTML 8Page - Texas Instruments TPS715-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
TPS71501-Q1, TPS71525-Q1, TPS71530-Q1, TPS71533-Q1, TPS71550-Q1
SGLS272H – OCTOBER 2004 – REVISED DECEMBER 2015
www.ti.com
Product Folder Links: TPS71501-Q1 TPS71525-Q1 TPS71530-Q1 TPS71533-Q1 TPS71550-Q1
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN
Input voltage
2.5
24
V
VO
Output voltage
1.2
15
V
IO
Output current
50
mA
CO
Output capacitor
0.47
µF
TJ
Operating junction temperature
–40
150
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TPS715xx-Q1
UNIT
DCK (SC70)
5 PINS
RθJA
Junction-to-ambient thermal resistance
261.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
71.9
°C/W
RθJB
Junction-to-board thermal resistance
48.5
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
47.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
(1)
Minimum VIN = VOUT + VDO or the value shown for input voltage in this table, whichever is greater.
6.5 Electrical Characteristics
over operating junction temperature range (TJ = –40°C to 125°C),VIN = VOUT(NOM) + 1 V, IOUT = 1 mA, COUT = 1 μF, unless
otherwise noted. Typical values are at TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage(1)
IO = 10 mA
2.5
24
V
IO = 50 mA
3
24
VOUT voltage range (TPS71501)
1.2
15
V
VOUT accuracy
(1) over V
IN, IOUT, and T
VIN + 1 V ≤ VIN ≤ 24 V , 100 μA ≤ IOUT ≤ 50 mA
–4%
4%
IGND
Ground-pin current
0 mA
≤ IOUT ≤ 50 mA
3.2
12
µA
ΔVOUT/ΔIOUT
Load regulation
IOUT = 100 μA to 50 mA
22
mV
ΔVOUT/ΔVIN
Output voltage line regulation (1)
VOUT + 1 V < VIN ≤ 24 V
20
60
mV
Vn
Output noise voltage
BW = 200 Hz to 100 kHz, COUT = 10 μF,
IOUT = 50 mA
575
μVrms
ICL
Output current limit
VOUT = 0 V, VIN ≥ 3.5 V
125
750
mA
VOUT = 0 V, VIN < 3.5 V
90
750
PSRR
Power-supply ripple rejection
f = 100 kHz, COUT = 10 μF
60
dB
VDO
Dropout voltage,
VIN = VOUT(NOM) – 1 V
IOUT = 50 mA
415
750
mV


Similar Part No. - TPS715-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS715-Q1 TI1-TPS715-Q1 Datasheet
985Kb / 22P
[Old version datasheet]   50-mA, 24-V, 3.2-uA Supply Current Low-Dropout Linear Regulator in SC70 Package
TPS715-Q1 TI-TPS715-Q1 Datasheet
3Mb / 29P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED AUGUST 2022
TPS715-Q1 TI-TPS715-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715-Q1 TI1-TPS715-Q1 Datasheet
3Mb / 32P
[Old version datasheet]   TPS715 50-mA, 24-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TPS715-Q1 TI1-TPS715-Q1 Datasheet
4Mb / 29P
[Old version datasheet]   TPS715-Q1 50-mA, 24-V, 3.2-μA Quiescent Current Low-Dropout Linear Regulators in SC70 Package
MAY 2023
More results

Similar Description - TPS715-Q1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX1117C NXP-NX1117C Datasheet
1Mb / 21P
   Low-dropout linear regulators
Rev. 1-18 July 2011
logo
Texas Instruments
TPS71501-Q1 TI-TPS71501-Q1 Datasheet
231Kb / 11P
[Old version datasheet]   50-mA, 24-V, 3.2-mA Supply Current Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1982 MAXIM-MAX1982_08 Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1983EUT MAXIM-MAX1983EUT Datasheet
236Kb / 13P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
Rev 1; 10/08
MAX1982 MAXIM-MAX1982 Datasheet
383Kb / 12P
   Low-Voltage, Low-Dropout Linear Regulators with External Bias Supply
19-2560; Rev 0; 7/02
logo
Global Mixed-mode Techn...
G951 GMT-G951 Datasheet
66Kb / 1P
   1A, Low-Dropout Linear Regulators
G9091 GMT-G9091 Datasheet
48Kb / 2P
   300mA Low-Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX8873R MAXIM-MAX8873R Datasheet
259Kb / 10P
   Low-Dropout, 120mA Linear Regulators
19-1257; Rev 2; 3/13
logo
Global Mixed-mode Techn...
G914 GMT-G914 Datasheet
98Kb / 6P
   150mA Low-Dropout Linear Regulators
G9191 GMT-G9191 Datasheet
32Kb / 1P
   300mA Low-Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com