Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6652ER Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6652ER
Description  1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6652ER Datasheet(HTML) 4 Page - Sipex Corporation

  SP6652ER Datasheet HTML 1Page - Sipex Corporation SP6652ER Datasheet HTML 2Page - Sipex Corporation SP6652ER Datasheet HTML 3Page - Sipex Corporation SP6652ER Datasheet HTML 4Page - Sipex Corporation SP6652ER Datasheet HTML 5Page - Sipex Corporation SP6652ER Datasheet HTML 6Page - Sipex Corporation SP6652ER Datasheet HTML 7Page - Sipex Corporation SP6652ER Datasheet HTML 8Page - Sipex Corporation SP6652ER Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Date:5/25/04
SP6652 1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
© Copyright 2004 Sipex Corporation
FUNCTIONAL DIAGRAM


Similar Part No. - SP6652ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652ER SIPEX-SP6652ER Datasheet
1Mb / 16P
   1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Exar Corporation
SP6652ER EXAR-SP6652ER Datasheet
965Kb / 16P
   1A, High Efficiency, Fixed 1.4 MHz
logo
Sipex Corporation
SP6652ER-L SIPEX-SP6652ER-L Datasheet
1Mb / 16P
   1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Exar Corporation
SP6652ER-L EXAR-SP6652ER-L Datasheet
965Kb / 16P
   1A, High Efficiency, Fixed 1.4 MHz
logo
Sipex Corporation
SP6652ER-L/TR SIPEX-SP6652ER-L/TR Datasheet
1Mb / 16P
   1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
More results

Similar Description - SP6652ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
   1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Intersil Corporation
HIP5061 INTERSIL-HIP5061 Datasheet
158Kb / 20P
   7A, High Efficiency Current Mode Controlled PWM Regulator
logo
Richtek Technology Corp...
RT8005 RICHTEK-RT8005 Datasheet
191Kb / 11P
   1A, 2MHz, High-Efficiency Synchronous Buck PWM Converter
logo
Semtech Corporation
TS30041Q SEMTECH-TS30041Q Datasheet
1Mb / 18P
   High Efficiency 1A/2A Current-Mode Synchronous Buck Converter, 2.2MHz
logo
Renesas Technology Corp
ISL91106 RENESAS-ISL91106 Datasheet
206Kb / 2P
   High Efficiency High Current Buck-Boost Regulator with Bypass Mode
logo
Intersil Corporation
ISL91106 INTERSIL-ISL91106 Datasheet
125Kb / 2P
   High Efficiency High Current Buck-Boost Regulator with Bypass Mode
November 20, 2015
logo
Maxim Integrated Produc...
MAX1953 MAXIM-MAX1953 Datasheet
642Kb / 22P
   Low-Cost, High-Frequency, Current-Mode PWM Buck Controller
Rev 0; 4/02
logo
Princeton Technology Co...
RS2053 PTC-RS2053 Datasheet
319Kb / 4P
   High Efficiency Current Mode PWM Controller
logo
Intersil Corporation
ISL85001 INTERSIL-ISL85001_09 Datasheet
720Kb / 15P
   1A Standard Buck PWM Regulator
ISL85001 INTERSIL-ISL85001 Datasheet
714Kb / 15P
   1A Standard Buck PWM Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com