Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650243RHBT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650243RHBT
Description  Power Management ICs for Li-Ion Powered Systems
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS650243RHBT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS650243RHBT Datasheet HTML 3Page - Texas Instruments TPS650243RHBT Datasheet HTML 4Page - Texas Instruments TPS650243RHBT Datasheet HTML 5Page - Texas Instruments TPS650243RHBT Datasheet HTML 6Page - Texas Instruments TPS650243RHBT Datasheet HTML 7Page - Texas Instruments TPS650243RHBT Datasheet HTML 8Page - Texas Instruments TPS650243RHBT Datasheet HTML 9Page - Texas Instruments TPS650243RHBT Datasheet HTML 10Page - Texas Instruments TPS650243RHBT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TPS650240, TPS650241, TPS650242
TPS650243, TPS650244, TPS650245
www.ti.com
SLVS774C – JUNE 2007 – REVISED JANUARY 2016
Recommended Operating Conditions (continued)
MIN
NOM
MAX
UNIT
ILDO1,2
Output current at VLDO1, VLDO2
200
mA
CVRTC
Output capacitor at Vdd_alive(2)
2.2
μF
IVdd_alive
Output current at Vdd_alive
30
mA
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
RCC
Resistor from VINDCDC3,VINDCDC2, VINDCDC1 to VCC used for filtering
(3)
1
10
(3)
Up to 2.5-mA can flow into VCC when all 3 converters are running in PWM, this resistor causes the UVLO threshold to be shifted
accordingly.
8.4 Thermal Information
TPS650240
THERMAL METRIC(1)
RHB (VQFN)
UNIT
32 PINS
RθJA
Junction-to-ambient thermal resistance
32.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.0
°C/W
RθJB
Junction-to-board thermal resistance
6.2
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
6.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
8.5 Electrical Characteristics: Control Signals and Supply Pins
VINDCDC1 = VINDCDC2 = VINDCDC3 = VCC = VINLDO = 3.6 V, TA = –40°C to +85°C, typical values are at TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(
MAX
UNIT
1)
CONTROL SIGNALS: EN_DCDC1, EN_DCDC2, EN_DCDC3, EN_LDO, MODE, EN_VDD_ALIVE
VIH
High level input voltage
1.45
VCC
V
VIL
Low level input voltage
0
0.4
V
IH
Input bias current
0.01
0.1
μA
SUPPLY PINS: VCC, VINDCDC1, VINDCDC2, VINDCDC3
PFM all 3 DCDC converters enabled, zero load
135
170
and no switching, LDOs enabled
PFM all 3 DCDC converters enabled, zero load
and no switching, LDO1, LDO2 = OFF,
75
100
Vdd_alive = ON
I(qPFM)
Operating quiescent current
VCC = 3.6 V
uA
PFM DCDC1 and DCDC2 converters enabled,
zero load and no switching,
55
80
LDO1, LDO2 = OFF, Vdd_alive = ON
PFM DCDC1 converter enabled, zero load
and no switching, LDO1, LDO2 = OFF,
40
60
Vdd_alive = ON
All 3 DCDC converters enabled
2
and running in PWM, LDOs off
PWM DCDC1 and DCDC2 converters enabled
IVcc(PWM)
Current into VCC; PWM
VCC = 3.6 V
1.5
2.5
mA
and running in PWM, LDOs off
PWM DCDC1 converter enabled
0.85
2
and running in PWM, LDOs off
(1)
Typical values are at TA = 25°C
Copyright © 2007–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: TPS650240 TPS650241 TPS650242 TPS650243 TPS650244 TPS650245


Similar Part No. - TPS650243RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650243RHBT TI-TPS650243RHBT Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650243RHBT TI-TPS650243RHBT Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650243RHBTG4 TI-TPS650243RHBTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650243RHBTG4 TI-TPS650243RHBTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results

Similar Description - TPS650243RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650240_0712 TI-TPS650240_0712 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650241-Q1 TI1-TPS650241-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com