Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6660 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6660
Description  200mA Charge Pump Inverter or Doubler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6660 Datasheet HTML 1Page - Sipex Corporation SP6660 Datasheet HTML 2Page - Sipex Corporation SP6660 Datasheet HTML 3Page - Sipex Corporation SP6660 Datasheet HTML 4Page - Sipex Corporation SP6660 Datasheet HTML 5Page - Sipex Corporation SP6660 Datasheet HTML 6Page - Sipex Corporation SP6660 Datasheet HTML 7Page - Sipex Corporation SP6660 Datasheet HTML 8Page - Sipex Corporation SP6660 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
2
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
0
5
1
h
t
i
w
y
c
n
e
u
q
e
r
F
w
o
L
t
a
t
i
u
c
r
i
C
r
e
t
r
e
v
n
I
µµµµµ
s
r
o
t
i
c
a
p
a
C
F
T
,
n
e
p
o
=
C
F
,
F
µ
0
5
1
=
2
C
=
1
C
,
V
6
.
3
=
+
V
B
M
A
T
=
N
I
M
T
o
t
X
A
M
o
t
r
e
f
e
r
;
1
e
r
u
g
i
F
2
e
t
o
N
.
t
i
u
c
r
i
c
t
s
e
t
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
13
9
.
05
2
.
4V
R
L
0
0
5
=
4
e
t
o
N
,
t
n
e
r
r
u
C
y
l
p
p
u
S4
.
08
.
0A
md
a
o
L
o
N
t
n
e
r
r
u
C
t
u
p
t
u
O0
0
2A
m
t
n
e
r
r
u
C
t
u
p
n
I
r
o
t
a
ll
i
c
s
O1
±A
µ
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O5
0
10
2z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O2
.
50
1
I
L
3
e
t
o
N
,
A
m
0
0
1
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V0
0
.
9
96
9
.
9
9%
d
a
o
L
o
N
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P8
8
0
8
3
6
4
9
5
8
0
7
%
R
L
0
0
5
=
I
L
A
m
0
0
1
=
I
L
A
m
0
0
2
=
0
5
1
h
t
i
w
y
c
n
e
u
q
e
r
F
w
o
L
t
a
t
i
u
c
r
i
C
r
e
l
b
u
o
D
µµµµµ
s
r
o
t
i
c
a
p
a
C
F
T
,
n
e
p
o
=
C
F
,
F
µ
0
5
1
=
2
C
=
1
C
,
V
6
.
3
=
+
V
B
M
A
T
=
N
I
M
T
o
t
X
A
M
o
t
r
e
f
e
r
;
2
e
r
u
g
i
F
2
e
t
o
N
.
t
i
u
c
r
i
c
t
s
e
t
e
g
a
t
l
o
V
y
l
p
p
u
S5
.
25
.
15
2
.
4V
R
L
k
1
=
4
e
t
o
N
,
t
n
e
r
r
u
C
y
l
p
p
u
S4
.
08
.
0A
md
a
o
L
o
N
t
n
e
r
r
u
C
t
u
p
t
u
O0
0
2A
m
t
n
e
r
r
u
C
t
u
p
n
I
r
o
t
a
ll
i
c
s
O1
±A
µ
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O5
0
10
2z
H
k
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O2
.
50
1I
L
3
e
t
o
N
,
A
m
0
0
1
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V0
0
.
9
96
9
.
9
9%
d
a
o
L
o
N
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P1
9
9
8
9
7
6
9
3
9
5
8
%
R
L
K
1
=
I
L
A
m
0
0
1
=
I
L
A
m
0
0
2
=
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of the
device at these ratings or any other above those indicated in the
operation sections of the specifications below is not implied.
Exposure to absolute maximum rating conditions for extended
periods of time may affect reliability.
Power Supply Voltage
(V+ to GND or GND to OUT).........................................+4.5V
LV Input Voltages........................(OUT - 0.3V) to (V+ + 0.3V)
FC and OSC Input Voltages..................The least negative of
(OUT - 0.3V) or (V+ - 4.5V) to (V+ + 0.3V)
SPECIFICATIONS
OUT and V+ Continuous Output Current.....................250mA
Output Short-Circuit Duration to GND.................................1s
Operating Temperature Ranges
SP6660C_........................................0˚C to +70˚C
SP6660E_.....................................-40˚C to +85˚C
Continuous Power Dissipation (T
AMB = 70˚C)
PDIP (derate 9.09mW/˚C above +70˚C)..................727mW
NSOIC (derate 5.88mW/˚C above +70˚C)...............471mW
µSOIC (derate 4.10mW/˚C above +70˚C)................330mW
Operating Temperature...................................-40˚C to +85˚C
Storage Temperature....................................-65˚C to +150˚C
Lead Temperature (soldering 10s)..............................+300˚C


Similar Part No. - SP6660

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
logo
Exar Corporation
SP6660 EXAR-SP6660 Datasheet
273Kb / 22P
   200mA Charge Pump Inverter or Doubler
logo
Sipex Corporation
SP6660CN SIPEX-SP6660CN Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
logo
Exar Corporation
SP6660CN EXAR-SP6660CN Datasheet
273Kb / 22P
   200mA Charge Pump Inverter or Doubler
logo
Sipex Corporation
SP6660CP SIPEX-SP6660CP Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
More results

Similar Description - SP6660

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
logo
Exar Corporation
SP6660 EXAR-SP6660 Datasheet
273Kb / 22P
   200mA Charge Pump Inverter or Doubler
logo
Sipex Corporation
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
   High Frequency 200mA Charge Pump Inverter or Doubler
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
   High Frequency 200mA Charge Pump Inverter or Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com