Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACGRAT105-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACGRAT105-HF
Description  SMD General Purpose Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACGRAT105-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACGRAT105-HF Datasheet HTML 1Page - Comchip Technology ACGRAT105-HF Datasheet HTML 2Page - Comchip Technology ACGRAT105-HF Datasheet HTML 3Page - Comchip Technology ACGRAT105-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AQW-JG001
RATING AND CHARACTERISTIC CURVES (ACGRAT101-HF thru. ACGRAT105-HF)
Comchip Technology CO., LTD.
Page 2
REV:B
SMD General Purpose Rectifiers
Company reserves the right to improve product design , functions and reliability without notice.
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
1.00
1.50
0.75
0.50
0.25
0.10
1.00
10.00
0.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
0
25
50
75
100
125
150
175
LEAD TEMPERATURE, (°C)
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
10
30
25
15
1
10
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
0.01
20
0.10
1.0
10
100
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
0.1
200
1.0
10
100
10
100
1
RESISTIVE OR
INDUCTIVE LOAD
60Hz
20


Similar Part No. - ACGRAT105-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACGRAT105L-HF COMCHIP-ACGRAT105L-HF Datasheet
1Mb / 4P
   Low VF SMD General Purpose Rectifiers
More results

Similar Description - ACGRAT105-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
   SMD General Purpose Rectifiers
CGRM4001-G COMCHIP-CGRM4001-G_12 Datasheet
97Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRB301-G COMCHIP-CGRB301-G Datasheet
46Kb / 2P
   SMD General Purpose Rectifiers
CGRC301-HF COMCHIP-CGRC301-HF Datasheet
160Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com