Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2846M Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UC2846M
Description  Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2846M Datasheet(HTML) 11 Page - Texas Instruments

Back Button UC2846M Datasheet HTML 7Page - Texas Instruments UC2846M Datasheet HTML 8Page - Texas Instruments UC2846M Datasheet HTML 9Page - Texas Instruments UC2846M Datasheet HTML 10Page - Texas Instruments UC2846M Datasheet HTML 11Page - Texas Instruments UC2846M Datasheet HTML 12Page - Texas Instruments UC2846M Datasheet HTML 13Page - Texas Instruments UC2846M Datasheet HTML 14Page - Texas Instruments UC2846M Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
VREF
RT
CT
+E/A
-E/A
COMP
SH-DN
GND
VIN
VC
AOUT
C/S+
BOUT
C/S-
CS/SS
UCX846
VIN
100µF
2
9
8
5
6
7
16
12
1
3
14
4
11
13
15
.1µ
F
.005µF
.5k
3.2k
3.2k
68k
.0015
3.6k
1k
1.5k
VREF
2N4150
180Ÿ
2W
.05µF
68Ÿ
.05µF
68Ÿ
1k
1k
2N4150
.5Q
1N4245
1N4245
1N4245
UES1402
UES1402
200µH
300µF
VO
UC1846, UC1847, UC2846
UC2847, UC3846, UC3847
www.ti.com
SLUS352C – JANUARY 1997 – REVISED DECEMBER 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The UCx846/7 family of control devices provides all of the necessary features to implement fixed frequency,
current mode control schemes while maintaining a minimum external parts count. The superior performance of
this technique can be measured in improved line regulation, enhanced load response characteristics, and a
simpler, easier to design control loop. Topological advantages include inherent pulse-by-pulse current limiting
capability, automatic symmetry correction for push-pull converters. Protection circuitry includes undervoltage
lockout and programmable current limit in addition to soft-start capability. A shutdown function is also available
which initiates either a complete shutdown with automatic restart or latch the supply off.
8.2 Typical Application
Figure 5. Typical Application Diagram
8.2.1 Design Requirements
Table 1 shows the design parameters for this application.
Table 1. Design Parameters
DESIGN PARAMETER
TARGET VALUE
Typical efficiency
85%
Switching frequency
880 kHz
Pulse by pulse current limit threshold
1 A
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: UC1846 UC1847 UC2846 UC2847 UC3846 UC3847


Similar Part No. - UC2846M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2846 TI-UC2846 Datasheet
648Kb / 10P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI-UC2846 Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI-UC2846 Datasheet
3Mb / 15P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI1-UC2846 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC2846 TI-UC2846 Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
More results

Similar Description - UC2846M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com