Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPDT-24V-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDT-24V-HF
Description  SMD ESD Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDT-24V-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDT-24V-HF Datasheet HTML 1Page - Comchip Technology ACPDT-24V-HF Datasheet HTML 2Page - Comchip Technology ACPDT-24V-HF Datasheet HTML 3Page - Comchip Technology ACPDT-24V-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
REV:A
AQW-JP002
Comchip Technology CO., LTD.
ACPDT-24V-HF
RoHS Device
Dimensions in inches and (millimeter)
SOT-23
Halogen Free
3
1
2
0.119(3.00)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.071(1.80)
0.041(1.05)
0.035(0.90)
0.020(0.50)
0.012(0.30)
0.006(0.15)
0.003(0.08)
0.100(2.550)
0.089(2.250)
0.004(0.10) max
0.012(0.30)
0.020(0.50)
SMD ESD Protection Diode
Mechanical data
- Case: SOT-23 Standard package,
molded plastic.
- Marking code:E24
- Mounting position: Any.
- Weight: 0.008 grams(approx.).
- Terminals: Tin plated, solderable per
MIL-STD-750, method 2026.
Company reserves the right to improve product design , functions and reliability without notice.
Features
- Common anode ESD protection.
- Surface mount package.
- High component density.
- IEC61000-4-2 Level 4 ESD protection.
- Comply with AEC-Q101
Circuit diagram
Maximum Rating (at TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Unit
Conditions
Peak pulse power
PPP
W
47
Operation temperature range
Tj
°C
Storage temperature range
TSTG
-55~+150
°C
ESD
kV
IEC 61000-4-2(air)
IEC 61000-4-2(contact)
ESD capability
-40~+125
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Breakdown voltage
VBR
V
IT = 1mA
25
Reverse leakage current
IR
uA
VRWM = 24V
2.0
Clamping voltage
VC
V
47
IPP = 1A, TP = 8/20us
V
Working peak reverse voltage
VRWM
24
Peak pulse current
IPP
A
TP = 8/20us
1
TP = 8/20us
±15
Junction capacitance
CJ
pF
VR = 0V, f = 1MHz
Electrical Characteristics (at TA=25°C unless otherwise noted)
28
10
0.1
±8


Similar Part No. - ACPDT-24V-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDT-24V COMCHIP-ACPDT-24V Datasheet
125Kb / 4P
   SMD ESD Protection Diode
ACPDT-24V0HT-HF COMCHIP-ACPDT-24V0HT-HF Datasheet
465Kb / 4P
   SMD ESD Protection Diode
REV:A
ACPDT-24VE-HF COMCHIP-ACPDT-24VE-HF Datasheet
470Kb / 4P
   SMD ESD Protection Diode
REV:B
More results

Similar Description - ACPDT-24V-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com