Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACZRV5239B-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ACZRV5239B-HF
Description  SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACZRV5239B-HF Datasheet(HTML) 3 Page - Comchip Technology

  ACZRV5239B-HF Datasheet HTML 1Page - Comchip Technology ACZRV5239B-HF Datasheet HTML 2Page - Comchip Technology ACZRV5239B-HF Datasheet HTML 3Page - Comchip Technology ACZRV5239B-HF Datasheet HTML 4Page - Comchip Technology ACZRV5239B-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Zener Diode
Page 3
AQW-JZ004
REV:A
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Zener Voltage, VZ (V)
Ta=25℃
Pulsed
Fig.1 - Zener Characteristics (VZ up to 10V)
0.5
10
100
1
1
2
6
3
4
5
7
8
9
10
11
PD=200mW
Fig.2 - Zener Characteristics (11V to 39V)
0.5
10
100
1
Ta=25℃
Pulsed
PD=200mW
10
15
20
25
30
35
40
45
Zener Voltage, VZ (V)
RATING AND CHARACTERISTIC CURVES (ACZRV52XXB Series)
Typical Ta Values For
ACZRV52XXB Series
VZ @ IZT
Nominal Zener Voltage, VZ (V)
0
4
20
8
12
16
24
28
32
36
40
44
Fig.3 - Temperature Coefficients
-5
20
40
0
35
30
25
15
10
5
0V BIAS
1V BIAS
BIAS AT
50% OF VZ NOM
1
10
100
1
100
1000
10
Ta=25℃
f=1MHZ
Fig.4 - Typical Capacitance
Nominal Zener Voltage, VZ (V)
Fig.5 - Effect of Zener Voltage on Zener Impedance
1
100
3000
10
1000
1
10
100
Nominal Zener Voltage, VZ (V)
IZ= 0.25mA
IZT
Ta=25℃
IZ(AC)=0.1IZ(DC)
f=1kHZ
0
200
150
100
50
0
125
100
75
50
25
Ambient Temperature, TA (°C)
150
250
Fig.6- Power Derating Curve
TA = 25°C


Similar Part No. - ACZRV5239B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRA4728-HF COMCHIP-ACZRA4728-HF Datasheet
374Kb / 6P
   SMD Zener Diode
ACZRA4742-HF COMCHIP-ACZRA4742-HF Datasheet
374Kb / 6P
   SMD Zener Diode
ACZRA4749-HF COMCHIP-ACZRA4749-HF Datasheet
374Kb / 6P
   RoHS Device
ACZRA4750-HF COMCHIP-ACZRA4750-HF Datasheet
374Kb / 6P
   RoHS Device
ACZRC5333B-G COMCHIP-ACZRC5333B-G Datasheet
116Kb / 6P
   SMD Zener Diode
More results

Similar Description - ACZRV5239B-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com