Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJR224035NJ Datasheet(PDF) 1 Page - AVX Corporation

Part # TAJR224035NJ
Description  General purpose SMT chip tantalum series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJR224035NJ Datasheet(HTML) 1 Page - AVX Corporation

  TAJR224035NJ Datasheet HTML 1Page - AVX Corporation TAJR224035NJ Datasheet HTML 2Page - AVX Corporation TAJR224035NJ Datasheet HTML 3Page - AVX Corporation TAJR224035NJ Datasheet HTML 4Page - AVX Corporation TAJR224035NJ Datasheet HTML 5Page - AVX Corporation TAJR224035NJ Datasheet HTML 6Page - AVX Corporation TAJR224035NJ Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
36
MAY 2014
107
Capacitance Code
pF code: 1st two
digits represent
significant figures
3rd digit represents
multiplier (number of
zeros to follow)
M
Tolerance
K = ±10%
M = ±20%
010
Rated DC Voltage
002 = 2.5Vdc
004 = 4Vdc
006 = 6.3Vdc
010 = 10Vdc
016 = 16Vdc
020 = 20Vdc
025 = 25Vdc
035 = 35Vdc
050 = 50Vdc
R
Packaging
R = Pure Tin 7" Reel
S = Pure Tin 13" Reel
A = Gold Plating
7" Reel
B = Gold Plating
13" Reel
A, B = on selected codes,
please contact
manufacturer
TAJ Series
Low Profile
FEATURES
• General purpose SMT chip tantalum series
• CV range: 0.10-1000μF / 2.5-50V
• 10 case sizes in low profile option available
APPLICATIONS
• Entertainment/Infotainment systems
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H Max.
W
1±0.20
A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
F
2312
6032-20
6.00 (0.236)
3.20 (0.126)
2.00 (0.079)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
H
1210
3528-15
3.50 (0.138)
2.80 (0.110)
1.50 (0.059)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
K
1206
3216-10
3.20 (0.126)
1.60 (0.063)
1.00 (0.039)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
P
0805
2012-15
2.05 (0.081)
1.35 (0.053)
1.50 (0.059)
1.00 ±0.10
0.50 (0.020)
0.85 (0.033)
(0.039±0.004)
R
0805
2012-12
2.05 (0.081)
1.30 (0.051)
1.20 (0.047)
1.00 ±0.10
0.50 (0.020)
0.85 (0.033)
(0.039±0.004)
S
1206
3216-12
3.20 (0.126)
1.60 (0.063)
1.20 (0.047)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
T
1210
3528-12
3.50 (0.138)
2.80 (0.110)
1.20 (0.047)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
W
2312
6032-15
6.00 (0.236)
3.20 (0.126)
1.50 (0.059)
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
X
2917
7343-15
7.30 (0.287)
4.30 (0.169)
1.50 (0.059)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
Y
2917
7343-20
7.30 (0.287)
4.30 (0.169)
2.00 (0.079)
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
0.10 μF to 1000 μF
Capacitance Tolerance:
±10%; ±20%
Rated Voltage (VR)
+85°C:
2.5
4
6.3
10
16
20
25
35
50
Category Voltage (VC)
+125°C:
1.7
2.7
4
7
10
13
17
23
33
Surge Voltage (VS)
+85°C:
3.3
5.2
8
13
20
26
32
46
65
Surge Voltage (VS)
+125°C:
2.2
3.4
5
8
13
16
20
28
40
Temperature Range:
-55°C to +125°C
Reliability:
1% per 1000 hours at 85°C, VR with 0.1Ω/V series impedance,
60% confidence level
Termination Finished:
Sn Plating (standard), Gold and SnPb Plating upon request
For AEC-Q200 availability, please contact AVX
TECHNICAL SPECIFICATIONS
HOW TO ORDER
LEAD-FREE COMPATIBLE
COMPONENT
NJ
Specification
Suffix
NJ = Standard
Suffix
Additional
characters may be
added for special
requirements
V = Dry pack Option
(selected codes only)
TAJ
Type
C
Case Size
See table
above
P, R CASE
MARKING
J
1 0 6
Capacitance Value in pF
106 = 10µF
Rated Voltage Code
J = 6.3V
Polarity
Band
(Anode+)
F, H, K, S, T, W, X, Y CASE
XXXXX
227 A
AVX LOGO
Capacitance Value in pF
227 = 220µF
Rated Voltage Code
A = 10V
ID Code
Polarity
Band
(Anode+)


Similar Part No. - TAJR224035NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJR225004NJ AVX-TAJR225004NJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
TAJR225004NJ AVX-TAJR225004NJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
TAJR226002NJ AVX-TAJR226002NJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
TAJR226002NJ AVX-TAJR226002NJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
TAJR226004NJ AVX-TAJR226004NJ Datasheet
110Kb / 5P
   General purpose SMT chip tantalum series
More results

Similar Description - TAJR224035NJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJA106M010RNJ AVX-TAJA106M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB107M006RNJ AVX-TAJB107M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD107M010RNJ AVX-TAJD107M010RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD686K016RNJ AVX-TAJD686K016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJA225M016RNJ AVX-TAJA225M016RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJC225K050RNJ AVX-TAJC225K050RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA334M035RNJ AVX-TAJA334M035RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJD107K010RNJ AVX-TAJD107K010RNJ Datasheet
238Kb / 12P
   General purpose SMT chip tantalum series
TAJA226K006RNJ AVX-TAJA226K006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJD106K035RNJ AVX-TAJD106K035RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
TAJB226M006RNJ AVX-TAJB226M006RNJ Datasheet
141Kb / 8P
   General purpose SMT chip tantalum series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com