Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS1575AA Datasheet(PDF) 2 Page - Vectron International, Inc

Part # TFS1575AA
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1575AA Datasheet(HTML) 2 Page - Vectron International, Inc

  TFS1575AA Datasheet HTML 1Page - Vectron International, Inc TFS1575AA Datasheet HTML 2Page - Vectron International, Inc TFS1575AA Datasheet HTML 3Page - Vectron International, Inc TFS1575AA Datasheet HTML 4Page - Vectron International, Inc TFS1575AA Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Filename: tfs 1575aa.doc
Version 1.0
17.05.2011
Vectron International
Filter specification
TFS 1575AA
2/5
Vectron International GmbH & Co. KG
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
Filter characteristic
1000
2000
3000
4000
5000
6000
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
frequency in MHz
1376
1415.8 1455.6 1495.4 1535.2
1575
1614.8 1654.6 1694.4 1734.2
1774
-80
-72
-64
-56
-48
-40
-32
-24
-16
-8
0
frequency in MHz
Construction and pin connection
(All dimensions in mm)
2,5 +/-0,1
1
2
3
4
0,35
1,5 ±0,1
2,3 ±0,15
1
Date code
Date code: Year + week
V
2007
W
2008
X
2009
...
1
Input
2
Ground
3
Output
4
Ground
G75AA
● V30
50 Ω Test circuit
L1
SAW
L2
2, 4
3
1
product(s) or information.


Similar Part No. - TFS1575AA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1575A VECTRON-TFS1575A Datasheet
157Kb / 5P
   Filter specification
TFS1575AB VECTRON-TFS1575AB Datasheet
89Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS1575AA

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com