Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMT03-120-RA- Datasheet(PDF) 4 Page - Superworld Electronics

Part # CMT03-120-RA-
Description  Common mode filter (RoHS Compliant)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

CMT03-120-RA- Datasheet(HTML) 4 Page - Superworld Electronics

  CMT03-120-RA- Datasheet HTML 1Page - Superworld Electronics CMT03-120-RA- Datasheet HTML 2Page - Superworld Electronics CMT03-120-RA- Datasheet HTML 3Page - Superworld Electronics CMT03-120-RA- Datasheet HTML 4Page - Superworld Electronics CMT03-120-RA- Datasheet HTML 5Page - Superworld Electronics CMT03-120-RA- Datasheet HTML 6Page - Superworld Electronics CMT03-120-RA- Datasheet HTML 7Page - Superworld Electronics CMT03-120-RA- Datasheet HTML 8Page - Superworld Electronics CMT03-120-RA- Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PG. 4
SUPERWORLD ELECTRONICS (S) PTE LTD
7. RELIABILITY AND TEST CONDITION
Solderability
Vibration
Reliability Test
Test sample shall be immersed into molten solder
under the conditions shown in Table 3 after
Table 2
in Table 2.
Within the specified tolerance
PERFORMANCE
Electrical Characteristics Test
Rated Current
DC Resistance
Insulation Resistance
Impedance (Z)
ITEM
Measuring equipment:4291A or its equivalent
Measuring points: (1) to (3) or (2) to (4)
Measuring jig: 16192A(or its equivalent)
TEST CONDITION
visually checked.
Resistance to
Test sample shall be immersed into molten solder
after immersed into flux and preheated under the
conditions shown in Table 4.
After this, test samples shall be taken out and
Rated Current < 1A ΔT 20 Max
Measuring Current: DC Current
Measuring voltage: Rated voltage
The speed for immersion and taking out shall be 25 mm/s.
immersed into flux.
After this, test samples shall be taken out and
Table 3
test shall be conducted under the conditions shown
Test sample shall be soldered to test board and the
Soldering Heat
measured after kept at room temperature for 2 to 3
Table 4
Per table 1.
Per table 1.
Measuring points: (1) to (2) or (3) to (4)
Appearance
Commom
Impedance change
rate
Insulation
resistance
100MΩ min
Within±15%
No remarkable Defect
Vibraiton frequency
Overall amplitude
1 cycle
Time
10Hz to 55Hz
range
X
Y
Z
15min.(10→55→10Hz)
1.52mm
3 hours
each
Test Cycles:12
Solder temperature
Immersion time
245°C±3°C
4s±1s
hours.(Note 1)
The speed for immersion and taking out shall be 25mm/s.
Preheating
Resistance to
Soldering Heat
Immersion time
10s±0.5s
260°C±5°C
150°C, 3min.
More than 95% of terminal electrode shall
be covered with fresh solder.
Common mode filter (RoHS Compliant)
NOTE : Specifications subject to change without notice. Please check our website for latest information.
26.03.2014
Table 1
CMT03 SERIES


Similar Part No. - CMT03-120-RA-

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT01N60 ETC1-CMT01N60 Datasheet
259Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60 CHAMP-CMT01N60 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
CMT01N60 CHAMP-CMT01N60 Datasheet
189Kb / 7P
   POWER FIELD EFFECT TRANSISTOR
logo
List of Unclassifed Man...
CMT01N60GN251 ETC1-CMT01N60GN251 Datasheet
259Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
logo
Champion Microelectroni...
CMT01N60GN251 CHAMP-CMT01N60GN251 Datasheet
288Kb / 8P
   POWER FIELD EFFECT TRANSISTOR
More results

Similar Description - CMT03-120-RA-

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WAQ7F110-RB-10 SUPERWORLD-WAQ7F110-RB-10 Datasheet
293Kb / 7P
   Wirewound Type Common Mode Filter (RoHS Compliant)
logo
List of Unclassifed Man...
SPC20186 ETC2-SPC20186 Datasheet
102Kb / 1P
   EMI FILTER RoHS COMPLIANT
logo
Abracon Corporation
ACMF-31 ABRACON-ACMF-31 Datasheet
1Mb / 3P
   Common Mode Filter
10.05.12
logo
ON Semiconductor
EMI8141 ONSEMI-EMI8141 Datasheet
455Kb / 9P
   Common Mode Filter
June, 2014 ??Rev. 0
logo
Superworld Electronics
W3F670-RD-10 SUPERWORLD-W3F670-RD-10 Datasheet
966Kb / 10P
   Common Mode Filter
W1210F500-RC-10 SUPERWORLD-W1210F500-RC-10 Datasheet
383Kb / 7P
   Common Mode Filter
logo
GUANGDONG MISUN TECHNOL...
CM2012B-900Z FPE-CM2012B-900Z Datasheet
474Kb / 1P
   Common Mode Filter
GN2012F-201Z FPE-GN2012F-201Z Datasheet
481Kb / 1P
   Common Mode Filter
GN2012F-121Z FPE-GN2012F-121Z Datasheet
481Kb / 1P
   Common Mode Filter
GP4532F-600L FPE-GP4532F-600L Datasheet
302Kb / 1P
   Common Mode Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com