Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TFS1584 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # TFS1584
Description  Vectron International Filter specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TFS1584 Datasheet(HTML) 1 Page - Vectron International, Inc

  TFS1584 Datasheet HTML 1Page - Vectron International, Inc TFS1584 Datasheet HTML 2Page - Vectron International, Inc TFS1584 Datasheet HTML 3Page - Vectron International, Inc TFS1584 Datasheet HTML 4Page - Vectron International, Inc TFS1584 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Filename: tfs 1584.doc
Version 2.3
19.04.2013
Vectron International
Filter specification
TFS 1584
1/5
Vectron International GmbH
Potsdamer Straße 18
D 14 513 TELTOW / Germany
Tel: (+49) 3328 4784-0 / Fax: (+49) 3328 4784-30
E-Mail: tft@vectron.com
Vectron International GmbH & Co. KG reserves the right to make changes to the product(s) and/or information contained herein without
notice. No liability is assumed as a result of their use or application. No rights under any patent accompany the sale of any such
product(s) or information.
Measurement condition
Ambient temperature:
23
°C
Input power level:
0
dBm
Terminating impedance:
Input:
50
Output:
50
Characteristics
The maximum attenuation in the pass band is defined as the insertion loss ae. The nominal frequency fN is fixed at 1584.0 MHz without any tolerance or
limit. The values of absolute attenuation aabs are guaranteed for the whole operating temperature range. The frequency shift of the filter in the operating
temperature range is included in the production tolerance scheme.
D a t a
typ. value
tolerance / limit
Insertion loss in PB
ae
2.7
max.
4.0
dB
Nominal frequency
fN
-
1584.0
MHz
Passband
PB
-
fN
±
10.0
MHz
Passband variation within PB
0.8
max.
2.5
dB
Passband ripple within PB
0.35
max.
1.0
dB
Absolute attenuation
aabs
100
MHz
… 1500
MHz
47
MHz
min.
40
dB
1500
MHz
… 1539
MHz
46
MHz
min.
30
dB
1629
MHz
… 2500
MHz
47
MHz
min.
40
dB
2500
MHz
… 3000
MHz
40
MHz
min.
35
dB
Return loss within PB
12.5
dB
min.
10
dB
Input power level
-
max.
20 **
dBm
Operating temperature range
OTR
-
- 45 °C ... + 105°C
Storage temperature range
-
- 45 °C ... + 105°C
Temperature coefficient of frequency
TCf *
-38
ppm/K
*)
∆fc(Hz) = Tcf(ppm/K) x (T - To) x fCAT (MHz)
**)
This power level is allowed for short term operation (peak power) only, the max. input power for continuous operation is 10 dBm.
Generated:
Checked / Approved:


Similar Part No. - TFS1584

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS1580A VECTRON-TFS1580A Datasheet
96Kb / 5P
   Vectron International Filter specification
More results

Similar Description - TFS1584

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TFS175K VECTRON-TFS175K Datasheet
94Kb / 5P
   Vectron International Filter specification
TFS1750C VECTRON-TFS1750C Datasheet
85Kb / 5P
   Vectron International Filter specification
TFS2040 VECTRON-TFS2040 Datasheet
199Kb / 5P
   Vectron International Filter specification
TFS2457 VECTRON-TFS2457 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS2570 VECTRON-TFS2570 Datasheet
71Kb / 5P
   Vectron International Filter specification
TFS180P VECTRON-TFS180P Datasheet
108Kb / 5P
   Vectron International Filter specification
TFS918A VECTRON-TFS918A Datasheet
169Kb / 5P
   Vectron International Filter specification
TFS1255A VECTRON-TFS1255A Datasheet
91Kb / 5P
   Vectron International Filter specification
TFS1370 VECTRON-TFS1370 Datasheet
83Kb / 5P
   Vectron International Filter specification
TFS1538 VECTRON-TFS1538 Datasheet
87Kb / 5P
   Vectron International Filter specification
TFS832A VECTRON-TFS832A Datasheet
85Kb / 5P
   Vectron International Filter specification
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com