Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6690 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP6690
Description  Micro Power Boost Regulator Series White LED Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6690 Datasheet(HTML) 3 Page - Sipex Corporation

  SP6690 Datasheet HTML 1Page - Sipex Corporation SP6690 Datasheet HTML 2Page - Sipex Corporation SP6690 Datasheet HTML 3Page - Sipex Corporation SP6690 Datasheet HTML 4Page - Sipex Corporation SP6690 Datasheet HTML 5Page - Sipex Corporation SP6690 Datasheet HTML 6Page - Sipex Corporation SP6690 Datasheet HTML 7Page - Sipex Corporation SP6690 Datasheet HTML 8Page - Sipex Corporation SP6690 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Date: 05/25/04
SP6690 Micro Power Boost Regualtor, Series White LED Driver
© Copyright 2004 Sipex Corporation
PIN DESCRIPTION
PIN NUMBER
PIN NAME
5 PIN SOT-23 DESCRIPTION
1SW
Switch input to the internal power switch.
2
GND
Ground
3FB
Feedback
4
SHDN
Shutdown. Pull high (on) to enable. Pull low (off) for shutdown.
5VIN
Input Voltage. Bypass this pin with a capacitor as close to the device
as possible.
PIN NUMBER
PIN NAME
8 PIN DFN DESCRIPTION
1NC
No connect.
2FB
Feedback.
3NC
No connect.
3SW
Switch input to the internal power switch
5
GND
Ground
6VIN
Input Voltage. Bypass this pin with a capacitor as close to the device
as possible.
7
SHDN
Shutdown. Pull high (on) to enable. Pull low (off) for shutdown.
8NC
No connect.


Similar Part No. - SP6690

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6690EB SIPEX-SP6690EB Datasheet
103Kb / 6P
   Evaluation Board Manual
SP6690EU SIPEX-SP6690EU Datasheet
103Kb / 6P
   Evaluation Board Manual
More results

Similar Description - SP6690

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6691 SIPEX-SP6691 Datasheet
253Kb / 15P
   Micro Power Boost Regulator Series White LED Driver
SP6691 SIPEX-SP6691_07 Datasheet
698Kb / 15P
   SOT23Micro Power Boost Regulator Series White LED Driver
logo
Alpha & Omega Semicondu...
AOZ1950 AOSMD-AOZ1950 Datasheet
1Mb / 14P
   Boost Regulator White LED Driver
logo
Micrel Semiconductor
MIC2297 MICREL-MIC2297_08 Datasheet
281Kb / 11P
   40V PWM Boost Regulator White LED Driver
MIC2297 MICREL-MIC2297 Datasheet
272Kb / 12P
   40V PWM Boost Regulator White LED Driver
logo
Intersil Corporation
EL7630 INTERSIL-EL7630 Datasheet
223Kb / 7P
   White LED Boost Regulator
EL7630 INTERSIL-EL7630_06 Datasheet
222Kb / 7P
   White LED Boost Regulator
logo
Renesas Technology Corp
EL7630 RENESAS-EL7630 Datasheet
388Kb / 7P
   White LED Boost Regulator
logo
STMicroelectronics
STCF07 STMICROELECTRONICS-STCF07 Datasheet
505Kb / 26P
   High power buck-boost white LED driver
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com