Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M77 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M77
Description  Double-Balanced Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M77 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M77_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M77_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M77_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M77_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Double-Balanced Mixer
Rev. V3
M77 / M77C
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 LO 7 TO 15 GHz
 RF 8 TO 12.5 GHz
 IF DC TO 2.5 GHz
 LO DRIVE: +10 dBm (NOMINAL)
 LOW NOISE FIGURE
Description
The M77 is a double balanced mixer, designed for use in military,
commercial and test equipment applications. The design utilizes
Schottky ring quad diodes and broadband soft dielectric and
ferrite baluns to attain excellent performance. This mixer can also
be used as a phase detector and/or bi-phase modulator since the
IF port is DC coupled to the diodes. The use of high temperature
solder and welded assembly processes used internally makes it
ideal for use in manual, semi-automated assembly. Environmental
screening
available
to
MIL-STD-883,
MIL-STD-202,
or
MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
M77
Minpac
M77C
SMA Connectorized
Electrical Specifications: Z0 = 50 Lo = +10 dBm (Downconverter application only)
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max) & SSB Noise
Figure (max)
fR = 8 to 12.5 GHz, fL = 7 to 13.5 GHz, fI = 0.03 to 1 GHz
fR = 8 to 12.5 GHz, fL = 7 to 14.5 GHz, fI = 1 to 2 GHz
fR = 8 to 12.5 GHz, fL = 7 to 15 GHz, fI = 2 to 2.5 GHz
dB
dB
dB
5.0
5.5
6.0
7.0
7.5
8.0
7.5
8.0
8.5
Isolation, L to R (min)
fL = 7 to 15 GHz
fL = 8 to 12 GHz
dB
dB
35
35
20
20
18
18
Isolation, L to I (min)
fL = 7 to 14 GHz
fL = 14 to 15 GHz
dB
dB
30
20
15
10
13
8
1 dB Conversion Comp.
fL = +10 dBm
dBm
+4
Input IP3
fR1=10 GHz at –6 dBm,fR2=10.01GHz at –6 dBm,
fL = 11 GHz at = +10 dBm
dBm
+15
Product Image


Similar Part No. - M77_15

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
M7705 OKI-M7705 Datasheet
144Kb / 20P
   4ch Single Rail CODEC
logo
Enercon Technologies Eu...
M7727 ENERCON-M7727 Datasheet
848Kb / 11P
   SINGLE-OUTPUT, 500W (750W PEAK) DC TO DC BASEPLATE COOLED POWER SUPPLY
Nov 3, 2022
M7727-100 ENERCON-M7727-100 Datasheet
848Kb / 11P
   SINGLE-OUTPUT, 500W (750W PEAK) DC TO DC BASEPLATE COOLED POWER SUPPLY
Nov 3, 2022
M7727-101 ENERCON-M7727-101 Datasheet
848Kb / 11P
   SINGLE-OUTPUT, 500W (750W PEAK) DC TO DC BASEPLATE COOLED POWER SUPPLY
Nov 3, 2022
M7727-102 ENERCON-M7727-102 Datasheet
848Kb / 11P
   SINGLE-OUTPUT, 500W (750W PEAK) DC TO DC BASEPLATE COOLED POWER SUPPLY
Nov 3, 2022
More results

Similar Description - M77_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com