Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M02061-EVM Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M02061-EVM
Description  3.3 or 5 Volt Laser Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061-EVM Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M02061-EVM Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061-EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
02061-DSH-001-G
Mindspeed Technologies
®
July 2012
Mindspeed Proprietary and Confidential
M02061
3.3 or 5 Volt Laser Driver
Applications
• SFP and SFF Modules
• 1G/2G/4G Fibre Channel modules
• Short reach and Metro SONET/SDH
• CPRI: 614.4, 1228.8, 2457.6, 3072.0, 4915.2 and 6144.0 Mbit/s
The M02061 is a highly integrated, programmable laser driver intended for SFP/SFF modules. Using differential
PECL data inputs, the M02061 supplies the bias and modulation current required to drive an edge-emitting laser.
The modulation output can be DC coupled to the laser diode.
The M02061 includes automatic power control to maintain a constant average laser output power over temperature
and life. In addition, the modulation current can be temperature compensated to minimize variation in extinction ratio
over temperature.
Features
• High-speed operation; suitable for SFP/SFF applications.
Typical rise/fall times of 55 ps.
• Programmable temperature compensation. Modulation output and
bias output can be controlled using a few discrete resistors.
• Supports DDMI (SFF-8472) diagnostics
• DC or AC coupled modulation drive. Up to 100 mA modulation
current available when AC coupled.
• Low overshoot allows high extinction ratio with low jitter
• Automatic laser power control, with “Slow-Start”
• PECL and CML compatible differential data inputs
• Complies with major MSAs (GBIC, SFF, SFF-8472, SFP) including
timing requirements
• Packaged in a QFN24
• 3.3 V or 5 V operation
• Pulse width adjustment
Typical Applications Diagram
Input
Buffer
VCC3 -1.3V
Internal
3.3V reg.
Input
Buffer
D - FF
Output
Buffer
Laser
Driver
Automatic Power Control
(laser bias current)
Safety
Circuitry with
Latched Fault
Modulation
Control
SVCC
OUT-
OUT+
GND0
IBIASOUT
IPIN
DIN-
DIN+
Internal Power Bus
VCC3
VCC
VCC
VCC3
VCC
VCC
(M02061-12
only)
(M02061-21
only)
TX
Disable


Similar Part No. - M02061-EVM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M02061-EVM MA-COM-M02061-EVM Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
More results

Similar Description - M02061-EVM

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com