Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21011 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M21011
Description  Quad Multi-Rate CDR
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21011 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M21011 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21011 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21011 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21011 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21011 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21011 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21011 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21011 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21011 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
210xx-DSH-001-D
Mindspeed Technologies™
November 2005
Mindspeed Proprietary and Confidential
M21012/M21011/M21001
Quad Multi-Rate CDR (42 Mbps - 3.2 Gbps)
Applications
• Backplane reach extension
• SONET OC-48, OC-48 with FEC systems and modules
• Fibre Channel systems
• Gigabit Ethernet systems
• 10GBASE-CX4 systems and modules
• Clock Synthesizer
The M21012 is a high-performance quad multi-rate clock and data recovery (CDR) array, optimized for multi-lane telecom, and datacom
applications. Each channel has an independent multi-rate CDR capable of operating at data-rates between 42 Mbps and 3.2 Gbps,
allowing maximum flexibility in system design. The M21011 is rated for operation in the range of 1 Gbps to 3.2 Gbps. The M21001 is
rated for operation in the range of 42 Mbps to 800 Mbps. Aside from the difference in supported signal data-rates, the M21012, M21011,
and M21001 are identical. Signal conditioning features include input equalization and output pre-emphasis, allowing robust reception
and transmission of signals to other devices up to 60" away. User-selectable input interface types allow DC-coupled input to CML, LVDS,
and LVPECL. The outputs can also be DC-coupled to CML and LVDS. Frequency acquisition is accomplished with an external reference
clock. The built-in frequency synthesizer allows multi-rate operation, while operating with a single reference clock. The device can be
controlled either through hardwired pins or an I2C -compatible interface. The hardwired mode eliminates the need for an external micro-
controller, while allowing control of the key features of the device. The I2C-compatible interface allows complete control of the device fea-
tures.
Functional Block Diagram
BIST Tx
Din0 [P/N]
Din3 [P/N]
Din1 [P/N]
Din2 [P/N]
BIST Rx
Dout3[P/N]
Dout0[P/N]
Dout1[P/N]
Dout2[P/N]
Cout3[P/N]
Cout0[P/N]
Cout1[P/N]
Cout2[P/N]
Multifunction Pin Array
Serial Interface/Hardwired Mode
Voltage
Regulator
JTAG
Features
• M21012 has four independent Multi-Rate CDRs capable of running
between 42 Mbps and 3.2 Gbps
• M21011 has four independent Multi-Rate CDRs capable of running
between 1 Gbps and 3.2 Gbps
• M21001 has four independent Multi-Rate CDRs capable of running
between 42 Mbps and 800 Mbps
• Flexible DC-Coupled input interface to CML, LVPECL, and LVDS
• Flexible Control through I2C-compatible interface or hardwired pins
• Jitter generation 4.5 mUI rms, Jitter Tolerance 0.625 UI typical
• Signal conditioning features for superior performance on FR4 trace
lengths of up to 60", twinaxial cable lengths of up to 25m
• Typical Total Power Consumption as low as 400 mW with all channels
running
• Built-in pattern generator and receiver for module and system testing


Similar Part No. - M21011

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2101-2545-AL RAF-M2101-2545-AL Datasheet
82Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2101-2545-SS RAF-M2101-2545-SS Datasheet
82Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2101-3005-AL RAF-M2101-3005-AL Datasheet
84Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2101-3005-N RAF-M2101-3005-N Datasheet
84Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
M2101-3005-SS RAF-M2101-3005-SS Datasheet
84Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
More results

Similar Description - M21011

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21050 MA-COM-M21050 Datasheet
839Kb / 70P
   Duplex Quad Multi-Rate CDR
M21012 MA-COM-M21012_17 Datasheet
1Mb / 74P
   Quad Multi-Rate CDR (42 Mbps - 3.2 Gbps)
M21050 MA-COM-M21050_17 Datasheet
839Kb / 70P
   Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
logo
Integrated Device Techn...
HXC44400 IDT-HXC44400 Datasheet
96Kb / 2P
   Quad Channel 56G CDR/Retimer
HXC42400 IDT-HXC42400 Datasheet
161Kb / 3P
   28G ??Quad Channel CDR/Retimer
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com