Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21050G-14 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # M21050G-14
Description  Duplex Quad Multi-Rate CDR
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21050G-14 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M21050G-14 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M21050G-14 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M21050G-14 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M21050G-14 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M21050G-14 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21050G-14 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21050G-14 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21050G-14 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21050G-14 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
21050-DSH-001-F
Mindspeed Technologies™
v
Mindspeed Proprietary and Confidential
List of Figures
Figure 1-1.
Recommended Data and Reference Clock Input Coupling Circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
Figure 1-2.
2.5 Gbps waveform after transmission through 25m of twinaxial cable (input to M21050) . . . . . . . . . .7
Figure 1-3.
2.5 Gbps waveform at M21050 output with input shown in Figure 1-2
(CDR enabled and IE at maximum setting) 8
Figure 1-4.
Definition of Pre-Emphasis Levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .9
Figure 1-5.
Block Diagram of FRA Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Figure 1-6.
M21050 Pinout Diagram (Top View) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .20
Figure 3-1.
High-Speed Data Input Internal Circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .45
Figure 3-2.
Reference Clock Input Internal Circuitry . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .48
Figure 3-3.
Jitter Tolerance Specification Mask . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .50
Figure 3-4.
Cross-Section of MLF Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51
Figure 3-5.
68-Pin Package Drawing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .52
Figure 3-6.
72-Pin Package Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53
Figure 3-7.
PCB Footprint for 72-Pin 10 mm MLF Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .54
Figure 3-8.
PCB Pad Extensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55
Figure 3-9.
Recommended Via Array for Thermal Pad . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .55
Figure 3-10.
Trace Length Matching Using Serpentine Pattern . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57
Figure 3-11.
Loop Length Matching for Differential Traces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .57


Similar Part No. - M21050G-14

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21050 MA-COM-M21050 Datasheet
839Kb / 70P
   Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
M21050 MA-COM-M21050_17 Datasheet
839Kb / 70P
   Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
More results

Similar Description - M21050G-14

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
M21012 MA-COM-M21012 Datasheet
1Mb / 73P
   Quad Multi-Rate CDR
M21050 MA-COM-M21050_17 Datasheet
839Kb / 70P
   Duplex Quad (Octal) Multi-Rate CDR (1.0 Gbps - 3.2 Gbps)
M21012 MA-COM-M21012_17 Datasheet
1Mb / 74P
   Quad Multi-Rate CDR (42 Mbps - 3.2 Gbps)
logo
Silicon Laboratories
SI5023 SILABS-SI5023 Datasheet
781Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
List of Unclassifed Man...
SI5022 ETC1-SI5022 Datasheet
399Kb / 22P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMP
logo
Silicon Laboratories
SI5022 SILABS-SI5022 Datasheet
333Kb / 28P
   MULTI-RATE SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Vitesse Semiconductor C...
VSC8222 VITESSE-VSC8222 Datasheet
388Kb / 2P
   Multi-rate SONET/SDH, Fibre Channel, and Gigabit Ethernet CDR
logo
Integrated Device Techn...
HXC44400 IDT-HXC44400 Datasheet
96Kb / 2P
   Quad Channel 56G CDR/Retimer
HXC42400 IDT-HXC42400 Datasheet
161Kb / 3P
   28G ??Quad Channel CDR/Retimer
logo
Texas Instruments
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com