Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH114 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # AH114
Description  W High Linearity InGaP HBT Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

AH114 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  AH114 Datasheet HTML 1Page - TriQuint Semiconductor AH114 Datasheet HTML 2Page - TriQuint Semiconductor AH114 Datasheet HTML 3Page - TriQuint Semiconductor AH114 Datasheet HTML 4Page - TriQuint Semiconductor AH114 Datasheet HTML 5Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AH114
¼ W High Linearity InGaP HBT Amplifier
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc • Phone +1-503-615-9000 • FAX: +1-503-615-8900 • e-mail: info-sales@tqs.com • Web site: www.TriQuint.com
Page 5 of 5 February 2012
AH114-89G (Green / Lead-free SOT-89 Package) Mechanical Information
This package is lead-free/Green/RoHS-compliant. It is compatible with both lead-free (maximum 260 °C reflow temperature) and leaded
(maximum 245 °C reflow temperature) soldering processes. The plating material on the leads is NiPdAu.
Outline Drawing
Product Marking
The component will be marked with an “AH114 G”
designator with an alphanumeric lot code on the top
surface of the package.
ESD / MSL Information
ESD Rating:
Class 1A
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
MSL Rating:
Level 3 at +260 °C convection reflow
Standard:
JEDEC Standard J-STD-020
Land Pattern
Mounting Config. Notes
1. Ground / thermal vias are critical for the proper performance of this device.
Vias should use a .35mm (#80 / .0135”) diameter drill and have a final plated
thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers near the part to
ensure optimal thermal performance.
3. Mounting screws can be added near the part to fasten the board to a heatsink.
Ensure that the ground / thermal via region contacts the heatsink.
4. Do not put solder mask on the backside of the PC board in the region where
the board contacts the heatsink.
5. RF trace width depends upon the PC board material and construction.
6. Use 1 oz. Copper minimum.
7. All dimensions are in millimeters (inches). Angles are in degrees.
AH114G
XXXX-X


Similar Part No. - AH114

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AH114 WJCI-AH114 Datasheet
320Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114-89G WJCI-AH114-89G Datasheet
320Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114-89G WJCI-AH114-89G Datasheet
295Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114-89PCB1900 WJCI-AH114-89PCB1900 Datasheet
320Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
AH114-89PCB1900 WJCI-AH114-89PCB1900 Datasheet
295Kb / 6P
   쩌 Watt, High Linearity InGaP HBT Amplifier
More results

Similar Description - AH114

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
AH125-89G TRIQUINT-AH125-89G_15 Datasheet
1Mb / 14P
   W High Linearity InGaP HBT Amplifier
AH128-89G TRIQUINT-AH128-89G Datasheet
791Kb / 17P
   쩌 W High Linearity InGaP HBT Amplifier
logo
SJM Prewell. All Rights...
PH635-S8 SJM-PH635-S8 Datasheet
1Mb / 6P
   High Linearity InGaP HBT Amplifier
PH330 SJM-PH330 Datasheet
787Kb / 8P
   High Linearity InGaP HBT Amplifier
PH335 SJM-PH335 Datasheet
471Kb / 6P
   High Linearity InGaP HBT Amplifier
PH465 SJM-PH465 Datasheet
828Kb / 8P
   High Linearity InGaP HBT Amplifier
PH530-S8 SJM-PH530-S8 Datasheet
1Mb / 7P
   High Linearity InGaP HBT Amplifier
PH230 SJM-PH230 Datasheet
403Kb / 5P
   High Linearity InGaP HBT Amplifier
logo
RF Micro Devices
CGA-1518Z RFMD-CGA-1518Z_12 Datasheet
452Kb / 8P
   HIGH LINEARITY InGaP HBT AMPLIFIER
logo
SJM Prewell. All Rights...
PH435 SJM-PH435 Datasheet
585Kb / 6P
   High Linearity InGaP HBT Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com