Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QPA2626 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # QPA2626
Description  17-22 GHz GaAs Low Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

QPA2626 Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button QPA2626 Datasheet HTML 5Page - TriQuint Semiconductor QPA2626 Datasheet HTML 6Page - TriQuint Semiconductor QPA2626 Datasheet HTML 7Page - TriQuint Semiconductor QPA2626 Datasheet HTML 8Page - TriQuint Semiconductor QPA2626 Datasheet HTML 9Page - TriQuint Semiconductor QPA2626 Datasheet HTML 10Page - TriQuint Semiconductor QPA2626 Datasheet HTML 11Page - TriQuint Semiconductor QPA2626 Datasheet HTML 12Page - TriQuint Semiconductor QPA2626 Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
QPA2626
17-22 GHz GaAs Low Noise Amplifier
Datasheet: Rev - 03-03-16
- 9 of 14 -
Disclaimer: Subject to change without notice
© 2016 TriQuint
www.triquint.com, www.qorvo.com
Typical Performance: Linearity
Test conditions unless otherwise noted: Temp. = 25 °C, VD = 3.5 V, IDQ = 90 mA. Data de-embedded to device reference plane.
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
17
18
19
20
21
22
23
Frequency (GHz)
IM5 vs. Frequency vs. Temperature
-40 C
+25 C
+85 C
∆f =10 MHz, Pout/Tone = 0 dBm
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
17
18
19
20
21
22
23
Frequency (GHz)
IM5 vs. Frequency vs. VD
3.0 V
3.5 V
4.0 V
IDQ = 90 mA, ∆f =10 MHz, Pout/Tone = 0 dBm
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
17
18
19
20
21
22
23
Frequency (GHz)
IM5 vs. Frequency vs. Temperature
-40 C
+25 C
+85 C
∆f =10 MHz, Pout/Tone = 5 dBm
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
17
18
19
20
21
22
23
Frequency (GHz)
IM5 vs. Frequency vs. IDQ
70 mA
90 mA
110 mA
VD = 3.5 V, ∆f =10 MHz, Pout/Tone = 0 dBm
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
17
18
19
20
21
22
23
Frequency (GHz)
IM5 vs. Frequency vs. Temperature
-40 C
+25 C
+85 C
∆f =10 MHz, Pout/Tone = 10 dBm


Similar Part No. - QPA2626

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2626 QORVO-QPA2626 Datasheet
1Mb / 15P
   17 ??22 GHz GaAs Low Noise Amplifier
QPA2626 QORVO-QPA2626 Datasheet
1Mb / 15P
   17 – 22 GHz GaAs Low Noise Amplifier
Nov. 2021
QPA2626EVB1 QORVO-QPA2626EVB1 Datasheet
1Mb / 15P
   17 ??22 GHz GaAs Low Noise Amplifier
QPA2626EVB1 QORVO-QPA2626EVB1 Datasheet
1Mb / 15P
   17 – 22 GHz GaAs Low Noise Amplifier
Nov. 2021
QPA2626SR QORVO-QPA2626SR Datasheet
1Mb / 15P
   17 ??22 GHz GaAs Low Noise Amplifier
More results

Similar Description - QPA2626

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA2626 QORVO-QPA2626 Datasheet
1Mb / 15P
   17 ??22 GHz GaAs Low Noise Amplifier
QPA2626 QORVO-QPA2626_V01 Datasheet
1Mb / 15P
   17 – 22 GHz GaAs Low Noise Amplifier
Nov. 2021
logo
Teledyne Technologies I...
TDLNA2626SEP TELEDYNE-TDLNA2626SEP Datasheet
1Mb / 10P
   17-22 GHz Low Noise Amplifier
06-2023 Rev 0.7a
logo
TriQuint Semiconductor
QPA2628 TRIQUINT-QPA2628 Datasheet
1Mb / 14P
   22 ??32 GHz GaAs Low Noise Amplifier
logo
Qorvo, Inc
QPA2628 QORVO-QPA2628 Datasheet
1Mb / 15P
   22 – 31.5 GHz GaAs Low Noise Amplifier
August 2020
logo
Hittite Microwave Corpo...
HMC516 HITTITE-HMC516 Datasheet
320Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
HMC516 HITTITE-HMC516_09 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC517 HITTITE-HMC517 Datasheet
317Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
HMC517 HITTITE-HMC517_09 Datasheet
246Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 17 - 26 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com