Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M21215G-16 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # M21215G-16
Description  SMPTE Coaxial Cable Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M21215G-16 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M21215G-16 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M21215G-16 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M21215G-16 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M21215G-16 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M21215G-16 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M21215G-16 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M21215G-16 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M21215G-16 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M21215G-16 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Functional Description
21215-DSH-001-F
Mindspeed Technologies
®
4
Mindspeed Proprietary and Confidential
LPF/LPF
62/63
Loop Filter inputs on GS1535 that are left FLOATING on M21215.
Loop filter is internal. Leave pins floating.
-Analog
LBW_INC[1:0]
38,34
Input control signal used to increase the loop bandwidth (LBB) of the
M21215. LBW_INC[0] pin 34 can be used alone to increase the LBW of
the M21215 as a GS1535 compatible function.
LBW_INC[1:0] = 00: 5.0 MHz HD LBW, 1.4 MHz SD LBW
LBW_INC[1:0] = 01: 5.0 MHz HD LBW, 1.4 MHz SD LBW
LBW_INC[1:0] = 10: 3.5 MHz HD LBW, 1.0 MHz SD LBW
LBW_INC[1:0] = 11: (default) 1.5 MHz HD LBW, 0.52 MHz SD LBW
Internal pull up
I-CMOS
SWING/RSVD
39
Input control signal to reduce the output swing of the DDO/DDO outputs
This is an added function on the M21215 that is mapped to a RSVD pin
on the GS1535.
SWING = High: GS1535 compatible output levels (floating default)
SWING = Low: Reduced output swing
Internal pull up
I-CMOS
LVPECL/RSVD
40
Input control signal to shift the output common mode level to enable DC
coupling to downstream LVPECL receivers.
This is an added function on the M21215 that is mapped to a RSVD pin
on the GS1535.
LVPECL = High: GS1535 compatible output common-mode (floating
default)
LVPECL = Low: Common-mode shift for DC couple to LVPECL
Internal pull up
I-CMOS
N/C
29
Reserved testing pin, leave floating
-
-
NOTES:
1.
Internal pull-up/pull-down is 100 K
Ω.
2.
NAME/RSVD Indicates additional features of the M21215 that are mapped to the reserved pins of the GS1535. When left floating as
recommended by the GS1535 data sheet, the M21215 defaults to a pin for pin and functionally compatible mode.
Table 1-2.
Power Pins
Pin Name
Pin #
Function
Type
VSS
4,8,12,16,23,31,3
2,35,37,42,43,48,
49,54,60,64
Power Supply Ground
Power
VDD
22,41,47,55,
57,61
Positive Power Supply
Power
AVDD_VCO
30
VCO Power Supply
This pin should be connected to a “quiet” power supply.
Power
Table 1-1.
Control/Interface/Low-Speed Pins (3 of 3)
Pin Name
Pin #
Function
Default
Type


Similar Part No. - M21215G-16

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
M2121-3005-SS RAF-M2121-3005-SS Datasheet
89Kb / 1P
   4.5 MM HEX MALE-FEMALE STANDOFFS
logo
MTRONPTI
M212123B1N MTRONPTI-M212123B1N Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212123B2N MTRONPTI-M212123B2N Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212123BAN MTRONPTI-M212123BAN Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
M212123G1N MTRONPTI-M212123G1N Datasheet
895Kb / 7P
   Multiple Frequency Clock Oscillator 5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML/HCMOS Output
More results

Similar Description - M21215G-16

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8392A NSC-DP8392A Datasheet
172Kb / 10P
   Coaxial Transceiver Interface
logo
Hirose Electric
MS-145 HIROSE-MS-145 Datasheet
122Kb / 6P
   Interface Coaxial Switches
logo
Texas Instruments
DP8392C TI1-DP8392C_11 Datasheet
477Kb / 14P
[Old version datasheet]   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD492 ETC-MTD492 Datasheet
179Kb / 8P
   Coaxial Transceiver Interface
logo
National Semiconductor ...
DP8392B NSC-DP8392B Datasheet
171Kb / 10P
   Coaxial Transceiver Interface
logo
List of Unclassifed Man...
MTD392 ETC-MTD392 Datasheet
281Kb / 10P
   Coaxial Transceiver Interface
logo
Gennum Corporation
GS2964 GENNUM-GS2964 Datasheet
826Kb / 17P
   SMPTE 424M, SMPTE 292M and SMPTE 259M compliant
logo
National Semiconductor ...
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034 TI1-LMH0034_14 Datasheet
705Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0074 NSC-LMH0074 Datasheet
248Kb / 8P
   SMPTE 259M / 344M Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com