Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z6K151-RC-10 Datasheet(PDF) 6 Page - Superworld Electronics

Part # Z6K151-RC-10
Description  FERRITE CHIP BEADS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

Z6K151-RC-10 Datasheet(HTML) 6 Page - Superworld Electronics

  Z6K151-RC-10 Datasheet HTML 1Page - Superworld Electronics Z6K151-RC-10 Datasheet HTML 2Page - Superworld Electronics Z6K151-RC-10 Datasheet HTML 3Page - Superworld Electronics Z6K151-RC-10 Datasheet HTML 4Page - Superworld Electronics Z6K151-RC-10 Datasheet HTML 5Page - Superworld Electronics Z6K151-RC-10 Datasheet HTML 6Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 6
19.01.2015
FERRITE CHIP BEADS
Z6 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
9-2.2 Tape Dimension / 12mm
P
D1:1.5± 0.1
A
Po:4± 0.1
D:1.5+0.1
A
Size
Section A-A
Ko
Ao
P2:2± 0.05
t
6
1.93± 0.1
Ko(mm)
Ao(mm)
Bo(mm)
4.95± 0.1
1.93± 0.1
P(mm)
t(mm)
4.0± 0.1
0.24± 0.05
Base tape
9-4. Tearing Off Force
Top cover tape
165° C to 180° C
F
Chip Size
Chip / Reel
Inner Box
Middle Box
Carton
9-3. Packaging Quantity
125000
62500
40000
20000
75000
150000
2500
12500
4000
1000
75
15000
3000
4(11)
The force for tearing off cover tape is 15 to 60 grams
in the arrow direction under the following conditions.
Tearing Speed
Room Humidity
Room Temp.
(° C)
5~35
(%)
45~85
Room atm
860~1060
(hPa)
300
(mm/min)
200000
100000
100000
200000
50000
100000
20000
2
4000
20000
10000
2000
4000
3(09)
3(12)
D1(mm)
1.5± 0.1
7
1.85± 0.1
4.95± 0.1
3.66± 0.1
8.0± 0.1
0.24± 0.05
1.5± 0.1
500000
250000
50000
1
10000
750000
375000
75000
0
15000
80000
40000
2000
8000
6
75000
150000
3000
15000
4(09)
Series
Z / L
a) Recommended products should be used within 12 months from the time of delivery.
b) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
To maintain the solderabililty of terminal electrodes :
1. Storage Conditions :
Application Notice
2. Transportation :


Similar Part No. - Z6K151-RC-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z6K151-RB-10 SUPERWORLD-Z6K151-RB-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
More results

Similar Description - Z6K151-RC-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
MG2029_MDS BOURNS-MG2029_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
logo
Superworld Electronics
ZA_SERIES SUPERWORLD-ZA_SERIES Datasheet
179Kb / 7P
   FERRITE CHIP BEADS
logo
List of Unclassifed Man...
NCB0603R ETC1-NCB0603R Datasheet
129Kb / 4P
   Ferrite Chip Beads
logo
Superworld Electronics
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
   FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
   FERRITE CHIP BEADS
logo
Murata Manufacturing Co...
BLM15AG121SN1D MURATA-BLM15AG121SN1D Datasheet
47Kb / 2P
   Chip Ferrite Beads
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com