Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2G6001528-SG Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # T2G6001528-SG
Description  15W, 28V, DC ??6 GHz, GaN RF Power Transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T2G6001528-SG Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button T2G6001528-SG Datasheet HTML 5Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 6Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 7Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 8Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 9Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 10Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 11Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 12Page - TriQuint Semiconductor T2G6001528-SG Datasheet HTML 13Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
T2G6001528-SG
15W, 28V, DC – 6 GHz, GaN RF Power Transistor
Datasheet: Rev A- 02-27-14
- 9 of 18 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance
(1,2,3)
0
10
20
30
40
50
60
10
12
14
16
18
20
22
25
27
29
31
33
35
37
39
41
43
Pout [dBm]
T2G6001528-SG Gain and PAE vs. Pout
3000MHz, 100uS, 20%, Vds = 28V, Idq = 100mA, Power Tuned
Zs = 10.1-j10.1
Ω
Zl = 12.4-j8.32Ω
0
10
20
30
40
50
60
70
80
12
13
14
15
16
17
18
19
20
25
27
29
31
33
35
37
39
41
Pout [dBm]
T2G6001528-SG Gain and PAE vs. Pout
3000MHz, 100uS, 20%, Vds = 28V, Idq = 100mA, Efficiency Tuned
Zs = 10.1-j10.1
Ω
Zl = 10.7+j0.33Ω
0
10
20
30
40
50
60
12
13
14
15
16
17
18
29
31
33
35
37
39
41
43
Pout [dBm]
T2G6001528-SG Gain and PAE vs. Pout
4000MHz, 100uS, 20%, Vds = 28V, Idq = 100mA, Power Tuned
Zs = 4.44-j19.6
Ω
Zl = 16.0-j13.1Ω
0
10
20
30
40
50
60
70
80
10
11
12
13
14
15
16
17
18
29
31
33
35
37
39
41
43
Pout [dBm]
T2G6001528-SG Gain and PAE vs. Pout
4000MHz, 100uS, 20%, Vds = 28V, Idq = 100mA, Efficiency Tuned
Zs = 4.44-j19.6
Ω
Zl = 8.75-j11.3Ω


Similar Part No. - T2G6001528-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T2G6001528-Q3 TRIQUINT-T2G6001528-Q3 Datasheet
989Kb / 13P
   18W, 28V, DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
2Mb / 16P
   18 W, 28 V, DC – 6.0 GHz, GaN Power Transistor
December 2021
logo
TriQuint Semiconductor
T2G6001528-Q3-EVB1 TRIQUINT-T2G6001528-Q3-EVB1 Datasheet
989Kb / 13P
   18W, 28V, DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3-EVB1 QORVO-T2G6001528-Q3-EVB1 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
More results

Similar Description - T2G6001528-SG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS Datasheet
2Mb / 21P
   30W, 28V DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
T2G6001528-Q3 QORVO-T2G6001528-Q3 Datasheet
1Mb / 17P
   18W, 28V, DC ??6 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
T2G6003028-FL TRIQUINT-T2G6003028-FL_15 Datasheet
1,017Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3_15 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6003028-FL TRIQUINT-T1G6003028-FL_15 Datasheet
1Mb / 13P
   30W, 28V, DC 6 GHz, GaN RF Power Transistor
T2G6000528-Q3 TRIQUINT-T2G6000528-Q3_15 Datasheet
985Kb / 13P
   10W, 28V DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com