Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2227 Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part # TGA2227
Description  2??2 GHz GaN Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2227 Datasheet(HTML) 11 Page - TriQuint Semiconductor

Back Button TGA2227 Datasheet HTML 7Page - TriQuint Semiconductor TGA2227 Datasheet HTML 8Page - TriQuint Semiconductor TGA2227 Datasheet HTML 9Page - TriQuint Semiconductor TGA2227 Datasheet HTML 10Page - TriQuint Semiconductor TGA2227 Datasheet HTML 11Page - TriQuint Semiconductor TGA2227 Datasheet HTML 12Page - TriQuint Semiconductor TGA2227 Datasheet HTML 13Page - TriQuint Semiconductor TGA2227 Datasheet HTML 14Page - TriQuint Semiconductor TGA2227 Datasheet HTML 15Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Datasheet: Rev - A 03-23-15
- 11 of 15 -
Disclaimer: Subject to change without notice
© 2015 TriQuint
www.triquint.com
TGA2227
2–22 GHz GaN Low Noise Amplifier
Typical Performance – Linearity
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-12
-10
-8
-6
-4
-2
0
2
4
6
Input Power per Tone (dBm)
IM5 vs. Output Power vs. Frequency
2 GHz
6 GHz
10 GHz
14 GHz
18 GHz
V
D = 8 V, IDQ = 125 mA,
f =10 MHz, Temp. = 25 °C
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-12
-10
-8
-6
-4
-2
0
2
4
6
Input Power per Tone (dBm)
IM5 vs. Output Power vs. Frequency
2 GHz
6 GHz
10 GHz
14 GHz
18 GHz
V
D = 15 V, IDQ = 125 mA,
f =10 MHz, Temp. = 25 °C


Similar Part No. - TGA2227

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2227-SM QORVO-TGA2227-SM Datasheet
900Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
TGA2227-SM QORVO-TGA2227-SM Datasheet
912Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
Nov. 2021
TGA2227-SMEVB02 QORVO-TGA2227-SMEVB02 Datasheet
900Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
TGA2227-SMEVB02 QORVO-TGA2227-SMEVB02 Datasheet
912Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
Nov. 2021
TGA2227-SMTR7 QORVO-TGA2227-SMTR7 Datasheet
900Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
More results

Similar Description - TGA2227

ManufacturerPart #DatasheetDescription
logo
Custom MMIC Design Serv...
CMD290 MMIC-CMD290 Datasheet
342Kb / 14P
   2-26 GHz GaN Low Noise Amplifier
logo
Qorvo, Inc
TGA2227-SM QORVO-TGA2227-SM Datasheet
900Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
TGA2227-SM QORVO-TGA2227-SM_V01 Datasheet
912Kb / 17P
   2 ??22 GHz GaN Low Noise Amplifier
Nov. 2021
QPA2213 QORVO-QPA2213 Datasheet
995Kb / 28P
   2 ??20 GHz 2 Watt GaN Amplifier
June 5, 2020
QPA2213D QORVO-QPA2213D Datasheet
911Kb / 28P
   2 ??20 GHz 2 Watt GaN Amplifier
logo
Teledyne Technologies I...
TLA-8-2014 TELEDYNE-TLA-8-2014 Datasheet
890Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLA-8-2015 TELEDYNE-TLA-8-2015 Datasheet
890Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLA-18-2002 TELEDYNE-TLA-18-2002 Datasheet
895Kb / 2P
   Low Noise Amplifier 2 GHz - 18 GHz
TLA-8-2013 TELEDYNE-TLA-8-2013 Datasheet
892Kb / 2P
   Low Noise Amplifier 2 GHz - 8 GHz
TLA-18-2003 TELEDYNE-TLA-18-2003 Datasheet
893Kb / 2P
   Low Noise Amplifier 2 GHz - 18 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com