Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2594 Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGA2594
Description  27-31GHz 5W GaN Power Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2594 Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGA2594 Datasheet HTML 1Page - TriQuint Semiconductor TGA2594 Datasheet HTML 2Page - TriQuint Semiconductor TGA2594 Datasheet HTML 3Page - TriQuint Semiconductor TGA2594 Datasheet HTML 4Page - TriQuint Semiconductor TGA2594 Datasheet HTML 5Page - TriQuint Semiconductor TGA2594 Datasheet HTML 6Page - TriQuint Semiconductor TGA2594 Datasheet HTML 7Page - TriQuint Semiconductor TGA2594 Datasheet HTML 8Page - TriQuint Semiconductor TGA2594 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TGA2594
27-31GHz 5W GaN Power Amplifier
Preliminary Datasheet: Rev A 01-08-14
- 5 of 12 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Typical Performance
15
18
21
24
27
30
33
26
27
28
29
30
31
32
33
34
Frequency (GHz)
PAE vs. Frequency
P
IN = 18 dBm
Temp. = +25 °C
V
D = 20 V, IDQ = 140 mA
16
18
20
22
24
26
28
0
2
4
6
8
10
12
14
16
18
20
22
Input Power (dBm)
Power Gain vs. Input Power vs. Freq.
V
D = 20 V, IDQ = 140 mA
Temp. = +25 °C
28 GHz
29 GHz
30 GHz
31 GHz
0
200
400
600
800
1000
1200
0
2
4
6
8
10
12
14
16
18
20
22
Input Power (dBm)
Drain Current vs. Input Power vs. Freq.
V
D = 20 V, IDQ = 140 mA
Temp. = +25 °C
28 GHz
29 GHz
30 GHz
31 GHz
33
34
35
36
37
38
39
26
27
28
29
30
31
32
33
34
Frequency (GHz)
Output Power vs. Frequency
P
IN = 18 dBm
Temp. = +25 °C
V
D = 20 V, IDQ = 140 mA
27
29
31
33
35
37
39
0
2
4
6
8
10
12
14
16
18
20
22
Input Power (dBm)
Output Power vs. Input Power vs. Freq.
V
D = 20 V, IDQ = 140 mA
Temp. = +25 °C
28 GHz
29 GHz
30 GHz
31 GHz


Similar Part No. - TGA2594

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
TGA2594-HMEVBP01 QORVO-TGA2594-HMEVBP01 Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
More results

Similar Description - TGA2594

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2594-HM QORVO-TGA2594-HM Datasheet
786Kb / 15P
   27 ??31 GHz GaN Power Amplifier
logo
TriQuint Semiconductor
TGA2594-HM TRIQUINT-TGA2594-HM_15 Datasheet
967Kb / 13P
   27 to 31 GHz GaN Power Amplifier
TGA2214 TRIQUINT-TGA2214_15 Datasheet
471Kb / 13P
   2 to 18 GHz 5W GaN Power Amplifier
logo
Qorvo, Inc
QPA2210D QORVO-QPA2210D Datasheet
615Kb / 22P
   27 ??31 GHz 7 Watt GaN Power Amplifier
logo
IXYS Corporation
MMA-283136-R5 IXYS-MMA-283136-R5 Datasheet
2Mb / 13P
   28-31GHz 4W MMIC Power Amplifier
logo
Qorvo, Inc
QPB2731 QORVO-QPB2731 Datasheet
608Kb / 8P
   27 ??31 GHz Ka-Band GaN Amplifier
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
   5W Power Amplifier
June, 2013
logo
Qorvo, Inc
QPB2731N QORVO-QPB2731N Datasheet
503Kb / 8P
   27 ??31 GHz Ka-Band GaN Amplifier
logo
TriQuint Semiconductor
TGA2595 TRIQUINT-TGA2595 Datasheet
701Kb / 13P
   27.5 to 31GHz, 9W Power Amplifier
logo
ON Semiconductor
LA4425AN ONSEMI-LA4425AN Datasheet
98Kb / 10P
   5W Power Amplifier
September 2014 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com