Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA2976-SM Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGA2976-SM
Description  0.1 ??3.0 GHz 10 W GaN Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA2976-SM Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGA2976-SM Datasheet HTML 1Page - TriQuint Semiconductor TGA2976-SM Datasheet HTML 2Page - TriQuint Semiconductor TGA2976-SM Datasheet HTML 3Page - TriQuint Semiconductor TGA2976-SM Datasheet HTML 4Page - TriQuint Semiconductor TGA2976-SM Datasheet HTML 5Page - TriQuint Semiconductor TGA2976-SM Datasheet HTML 6Page - TriQuint Semiconductor TGA2976-SM Datasheet HTML 7Page - TriQuint Semiconductor TGA2976-SM Datasheet HTML 8Page - TriQuint Semiconductor TGA2976-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TGA2976-SM
0.1
– 3.0 GHz 10 W GaN Power Amplifier
Datasheet: Rev A 03-02-16
- 1 of 18 -
Disclaimer: Subject to change without notice
© 2016 TriQuint
www.triquint.com
AC-QFN 4x4 mm 14L
Pad Configuration
Pad No.
Symbol
1, 3, 8, 10
GND
2
RF IN
4, 14
VG1
5, 7, 11, 13
N/C
6, 12
VG2
9
RF OUT / VD
Applications
 Commercial and military radar
 Communications
 Electronic Warfare
General Description
Qorvo
’s TGA2976-SM is a wideband cascode amplifier
fabricated on Qorvo
’s production 0.25um GaN on SiC
process.
The cascode configuration offers exceptional
wideband performance as well as supporting 40 V
operation.
The TGA2976-SM operates from 0.1 - 3.0
GHz and provides greater than 10 W of saturated output
power with greater than 13 dB of large signal gain and
greater than 38% power-added efficiency.
The TGA2976-SM is available in a low-cost, surface
mount 14 lead 4x4 Air Cavity laminate package.
It is
ideally suited to support both radar and communication
applications across defense and commercial markets as
well as electronic warfare.
The TGA2976-SM is fully
matched to 50Ω at both RF ports allowing for simple
system integration. DC blocks are required on both RF
ports and the drain voltage must be injected through an
off chip bias-tee on the RF output port.
Lead-free and RoHS compliant.
Evaluation boards are available upon request.
Ordering Information
Part
ECCN
Description
TGA2976-SM
EAR99
0.1
– 3.0 GHz 10 W
GaN Power Amplifier
Product Features
 Frequency Range: 0.1 – 3.0 GHz
 P
SAT: >40 dBm at PIN = 27 dBm
 PAE: 48% @ midband
 Large Signal Gain: >13 dB
 Small Signal Gain: >20 dB
 Bias: V
D = 40 V, IDQ = 360 mA, VG1 = -2.4 V Typical,
VG2 = +17.7 V Typical
 Wideband Flat Gain and Power
 Package Dimensions: 4.0 x 4.0 x 1.64 mm
Functional Block Diagram
10
11
12
13
14
1
2
3
4
5
6
7
8
9
RF IN
RF OUT


Similar Part No. - TGA2976-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2976-SM QORVO-TGA2976-SM Datasheet
1Mb / 18P
   0.1 ??3.0 GHz 10W GaN Power Amplifier
TGA2976-SMEVB QORVO-TGA2976-SMEVB Datasheet
1Mb / 18P
   0.1 ??3.0 GHz 10W GaN Power Amplifier
More results

Similar Description - TGA2976-SM

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2976-SM QORVO-TGA2976-SM Datasheet
1Mb / 18P
   0.1 ??3.0 GHz 10W GaN Power Amplifier
logo
TriQuint Semiconductor
QPA2237 TRIQUINT-QPA2237 Datasheet
789Kb / 16P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
TGA4548 TRIQUINT-TGA4548 Datasheet
718Kb / 11P
   17 - 20 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2211 QORVO-QPA2211 Datasheet
692Kb / 22P
   27.5 ??31 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
QPA1003D TRIQUINT-QPA1003D Datasheet
566Kb / 21P
   1 ??8 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
TGA4548-SM QORVO-TGA4548-SM Datasheet
1Mb / 17P
   17 ??20 GHz 10 W GaN Power Amplifier
logo
TriQuint Semiconductor
QPA1003P TRIQUINT-QPA1003P Datasheet
644Kb / 20P
   1 ??8 GHz 10 W GaN Power Amplifier
logo
Qorvo, Inc
QPA2237 QORVO-QPA2237 Datasheet
791Kb / 17P
   0.03 ??2.5 GHz 10 W GaN Power Amplifier
TGA2237-SM QORVO-TGA2237-SM Datasheet
1,019Kb / 19P
   0.03??.5 GHz 10 W GaN Power Amplifier
TGA4549-SM QORVO-TGA4549-SM Datasheet
1Mb / 17P
   21.2 ??23.6 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com