Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGB2010 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # TGB2010
Description  6, 7, 8, 9, 10 & 11 GHz Filters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGB2010 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  TGB2010 Datasheet HTML 1Page - TriQuint Semiconductor TGB2010 Datasheet HTML 2Page - TriQuint Semiconductor TGB2010 Datasheet HTML 3Page - TriQuint Semiconductor TGB2010 Datasheet HTML 4Page - TriQuint Semiconductor TGB2010 Datasheet HTML 5Page - TriQuint Semiconductor TGB2010 Datasheet HTML 6Page - TriQuint Semiconductor TGB2010 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TriQuint Semiconductor Texas Phone: (972)994-8465 Fax: (972)994 8504 Email: info-mmw@tqs.com Web: www.triquint.com
Product Data Sheet
August 5, 2008
1
Bessel Filter
TGB2010
Key Features and Performance
6, 7, 8, 9, 10 & 11 GHz Filters
<
±1.25ps Group Delay to F
o
>15dB Return Loss to 2Fo
Filter Bandwidth ± 0.5 GHz
3MI Technology
Chip Dimensions:
0.49 x 0.49 x 0.10 mm
(0.019 x 0.019 x 0.004 inches)
Preliminary Measured Performance
10
15
20
25
30
35
40
45
0
2468
10
12
14
16
18
20
Frequency (GHz)
6 GHz
7 GHz
8 GHz
9 GHz
11 GHz
10 GHz
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
01
23
45
6789 10 11 12 13 14 15
Frequency (GHz)
6 GHz
7 GHz
8 GHz
9 GHz
10 GHz
11 GHz
Note: Datasheet is subject to change without notice.


Similar Part No. - TGB2010

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGB2010-00-EPU TRIQUINT-TGB2010-00-EPU Datasheet
213Kb / 7P
   Bessel Filter
TGB2010-00-EPU-SM TRIQUINT-TGB2010-00-EPU-SM Datasheet
303Kb / 8P
   5GHz - 9GHz Packaged Bessel Filter
TGB2010-06-EPU TRIQUINT-TGB2010-06-EPU Datasheet
213Kb / 7P
   Bessel Filter
TGB2010-07-EPU TRIQUINT-TGB2010-07-EPU Datasheet
213Kb / 7P
   Bessel Filter
TGB2010-08-EPU TRIQUINT-TGB2010-08-EPU Datasheet
213Kb / 7P
   Bessel Filter
More results

Similar Description - TGB2010

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2704SM QORVO-TGA2704SM Datasheet
1Mb / 14P
   9 ??11 GHz 7 W GaAs Power Amplifier
A, Jan. 2020
logo
List of Unclassifed Man...
SP8690 ETC2-SP8690 Datasheet
75Kb / 6P
   200MHz첨8/9/10/11
logo
Qorvo, Inc
CMD226C3 QORVO-CMD226C3 Datasheet
445Kb / 8P
   Frequency Doubler, 7-11 GHz Input
logo
Custom MMIC Design Serv...
CMD226C3 MMIC-CMD226C3 Datasheet
603Kb / 8P
   Frequency Doubler, 7-11 GHz Input
logo
HBH Microwave GmbH
HX5006 HBH-HX5006 Datasheet
67Kb / 3P
   9 - 11 GHz Double Balanced Mixer
logo
Frequency Devices, Inc.
D70L8B FREQUENCYDEVICES-D70L8B Datasheet
672Kb / 14P
   DIP Filters 8-, 6-, 4-Pole Filters
logo
WOLFSPEED, INC.
CMPA801B030D1 WOLFSPEED-CMPA801B030D1 Datasheet
2Mb / 20P
   9 - 11 GHz, 40 W GaN HPA
Rev. 1.0, December 2021
logo
Qorvo, Inc
CMD226 QORVO-CMD226 Datasheet
176Kb / 8P
   Passive Frequency Doubler, 7-11 GHz Input
CMD271P3 QORVO-CMD271P3 Datasheet
251Kb / 12P
   6-11 GHz Low Noise Amplifier
QPA1013D QORVO-QPA1013D Datasheet
367Kb / 15P
   6??8 GHz 10 W GaN Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com