Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGM2543-SM Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGM2543-SM
Description  4-20 GHz Limiter/LNA
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGM2543-SM Datasheet(HTML) 9 Page - TriQuint Semiconductor

Back Button TGM2543-SM Datasheet HTML 3Page - TriQuint Semiconductor TGM2543-SM Datasheet HTML 4Page - TriQuint Semiconductor TGM2543-SM Datasheet HTML 5Page - TriQuint Semiconductor TGM2543-SM Datasheet HTML 6Page - TriQuint Semiconductor TGM2543-SM Datasheet HTML 7Page - TriQuint Semiconductor TGM2543-SM Datasheet HTML 8Page - TriQuint Semiconductor TGM2543-SM Datasheet HTML 9Page - TriQuint Semiconductor TGM2543-SM Datasheet HTML 10Page - TriQuint Semiconductor TGM2543-SM Datasheet HTML 11Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TGM2543-SM
4-20 GHz Limiter/LNA
Preliminary Data Sheet: Rev - 8/21/2012
- 9 of 11 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Mechanical Information
Package Information and Dimensions
All dimensions in inches and are +/- 0.006in unless otherwise noted.
Part marking:
YY
assembly lot start year
WW
assembly lot start week
ZZZ
part serial number
MXXX
batch ID
PCB Mounting Pattern
All dimensions in inches
Notes:
1.
The pad pattern shown has been de-
veloped and tested for optimized as-
sembly at TriQuint Semiconductor.
The PCB land pattern has been de-
veloped to accommodate lead and
package tolerances.
Since surface
mount processes vary from company
to company, careful process develop-
ment is recommended.
2.
Ground / thermal vias are critical for
the proper performance of this device.
Vias should use a 0.008in diameter
drill, and they are solid filled, copper
plated shut or silver filled paste with
over plating.
0.011
0.0335
0.042
0.019
0.010


Similar Part No. - TGM2543-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGM2635-CP TRIQUINT-TGM2635-CP Datasheet
1Mb / 14P
   X-Band 100 W GaN Power Amplifier
logo
Qorvo, Inc
TGM2635-CP QORVO-TGM2635-CP Datasheet
974Kb / 14P
   X-Band 100 W GaN Power Amplifier
September 2018
More results

Similar Description - TGM2543-SM

ManufacturerPart #DatasheetDescription
logo
RFHIC
CL1302D-L RFHIC-CL1302D-L Datasheet
353Kb / 5P
   Limiter-diode LNA
CL2102D-L RFHIC-CL2102D-L Datasheet
425Kb / 5P
   Limiter-diode LNA
logo
Filtronic Compound Semi...
LML221 FILTRONIC-LML221 Datasheet
13Kb / 1P
   2-20 GHz MMIC Limiter
logo
RFHIC
CL3102D-L RFHIC-CL3102D-L Datasheet
383Kb / 5P
   Limiter-diode LNA
logo
Peregrine Semiconductor
PE45140 PSEMI-PE45140 Datasheet
816Kb / 12P
   UltraCMOS짰 Power Limiter 20 MHz?? GHz
logo
Qorvo, Inc
TGA2567-SM QORVO-TGA2567-SM Datasheet
756Kb / 11P
   2 ??20 GHz LNA Amplifier
October 2019
logo
TriQuint Semiconductor
TGA2567-SM TRIQUINT-TGA2567-SM_15 Datasheet
583Kb / 11P
   2 20 GHz LNA Amplifier
logo
Qorvo, Inc
TGL2208-SM QORVO-TGL2208-SM Datasheet
558Kb / 10P
   2 - 20 GHz Dual Stage VPIN Limiter
logo
TriQuint Semiconductor
TGL2208-SM TRIQUINT-TGL2208-SM_15 Datasheet
537Kb / 9P
   2-20 GHz Dual Stage VPIN Limiter
logo
Qorvo, Inc
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
   0.1 ??20 GHz 10 Watt VPIN Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com