Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGP2108-SM Datasheet(PDF) 5 Page - TriQuint Semiconductor

Part # TGP2108-SM
Description  2.5-4GHz 6-Bit Digital Phase Shifter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGP2108-SM Datasheet(HTML) 5 Page - TriQuint Semiconductor

  TGP2108-SM Datasheet HTML 1Page - TriQuint Semiconductor TGP2108-SM Datasheet HTML 2Page - TriQuint Semiconductor TGP2108-SM Datasheet HTML 3Page - TriQuint Semiconductor TGP2108-SM Datasheet HTML 4Page - TriQuint Semiconductor TGP2108-SM Datasheet HTML 5Page - TriQuint Semiconductor TGP2108-SM Datasheet HTML 6Page - TriQuint Semiconductor TGP2108-SM Datasheet HTML 7Page - TriQuint Semiconductor TGP2108-SM Datasheet HTML 8Page - TriQuint Semiconductor TGP2108-SM Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TGP2108-SM
2.5-4GHz 6-Bit Digital Phase Shifter
Datasheet: Rev - 12-22-15
- 5 of 16 -
Disclaimer: Subject to change without notice
© 2015 Qorvo
www.Qorvo.com
Typical Performance – Small Signal (Cont.)
Test conditions unless otherwise noted: 5V and 3V, 25 °C
-30
-25
-20
-15
-10
-5
0
2
2.5
3
3.5
4
4.5
Frequency (GHz)
Avg. IRL vs. Freq. vs.Temp.
V
REF = 5 V, All Phase States
-40C
+25C
+85C
-30
-25
-20
-15
-10
-5
0
2
2.5
3
3.5
4
4.5
Frequency (GHz)
Avg. IRL vs. Freq.
V
REF = 3 V, All Phase States
+25C
-30
-25
-20
-15
-10
-5
0
2
2.5
3
3.5
4
4.5
Frequency (GHz)
IRL vs. Freq.
V
REF = 5 V, All Phase States, 25
0C
Peak
Average
-30
-25
-20
-15
-10
-5
0
2
2.5
3
3.5
4
4.5
Frequency (GHz)
IRL vs. Freq.
V
REF = 3 V, All Phase States, 25
0C
Peak
Average
-30
-25
-20
-15
-10
-5
0
2
2.5
3
3.5
4
4.5
Frequency (GHz)
Avg. ORL vs. Freq. vs. Temp
V
REF = 5 V, All Phase States
-40C
+25C
+85C
-30
-25
-20
-15
-10
-5
0
2
2.5
3
3.5
4
4.5
Frequency (GHz)
Avg. ORL vs. Freq.
V
REF = 3 V, All Phase States
+25C


Similar Part No. - TGP2108-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2100 TRIQUINT-TGP2100 Datasheet
368Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2100-EPU TRIQUINT-TGP2100-EPU Datasheet
221Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2100 TRIQUINT-TGP2100_15 Datasheet
368Kb / 9P
   30 GHz 5-Bit Phase Shifter
TGP2102 TRIQUINT-TGP2102 Datasheet
377Kb / 9P
   35 GHz 5-Bit Phase Shifter
logo
Qorvo, Inc
TGP2102 QORVO-TGP2102 Datasheet
362Kb / 9P
   35 GHz 5-Bit Digital Phase Shifter
More results

Similar Description - TGP2108-SM

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPC2108 TRIQUINT-QPC2108 Datasheet
709Kb / 12P
   2.5-4GHz 6-Bit Digital Phase Shifter
logo
Qorvo, Inc
QPC2108 QORVO-QPC2108 Datasheet
709Kb / 12P
   2.5-4GHz 6-Bit Digital Phase Shifter
March 25, 2017
logo
Merrimac Industries, In...
PTM-64A-10B MERRIMAC-PTM-64A-10B Datasheet
177Kb / 1P
   6-Bit DIGITAL PHASE SHIFTER
logo
Hittite Microwave Corpo...
HMC647LP6 HITTITE-HMC647LP6 Datasheet
288Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
HMC647LP6 HITTITE-HMC647LP6_08 Datasheet
237Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
logo
M/A-COM Technology Solu...
MAPS-011008 MA-COM-MAPS-011008 Datasheet
641Kb / 7P
   Digital Phase Shifter 6-Bit, 5 - 6 GHz
logo
United Monolithic Semic...
CHP4012A98F UMS-CHP4012A98F Datasheet
792Kb / 12P
   S-Band 6-bit Digital Phase Shifter
logo
TriQuint Semiconductor
TGP2109 TRIQUINT-TGP2109 Datasheet
696Kb / 15P
   8-12 6-Bit Digital Phase Shifter
logo
United Monolithic Semic...
CHP3010-QFG UMS-CHP3010-QFG_15 Datasheet
1Mb / 16P
   L-Band 6-Bit Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com