Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0-22NJ-10 Datasheet(PDF) 6 Page - Semikron International

Part # C0-22NJ-10
Description  CERAMIC CHIP INDUCTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

C0-22NJ-10 Datasheet(HTML) 6 Page - Semikron International

  C0-22NJ-10 Datasheet HTML 1Page - Semikron International C0-22NJ-10 Datasheet HTML 2Page - Semikron International C0-22NJ-10 Datasheet HTML 3Page - Semikron International C0-22NJ-10 Datasheet HTML 4Page - Semikron International C0-22NJ-10 Datasheet HTML 5Page - Semikron International C0-22NJ-10 Datasheet HTML 6Page - Semikron International C0-22NJ-10 Datasheet HTML 7Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
9. PACKAGING INFORMATION :
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
26.01.2015
C0 SERIES
9-1. Reel Dimension
7" x 8mm
178.0± 2.0
B(mm)
60± 2
9.0± 0.5
A(mm)
Type
13.5± 0.5
C(mm)
D(mm)
Chip Size
Chip / Reel
Inner Box
Middle Box
Carton
9-3. Packaging Quantity
Material : Paper
9-2 Tape Dimension / 8mm
Ao
P
D:1.5+0.1-0.0
Po:4± 0.1
Size
Ko
t
C0
0.40± 0.06
Ao(mm)
0.70± 0.06
Bo(mm)
Ko(mm)
0.45 max
0.45 max
2.0± 0.05
P(mm)
t(mm)
75000
375000
750000
C0
15000
CERAMIC CHIP INDUCTORS
R0.5
R10.5
13.5± 0.5
7" x 8mm
120°
R1.9
2± 0.5
A


Similar Part No. - C0-22NJ-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C0-22NJ-10 SUPERWORLD-C0-22NJ-10 Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C0-22NJ-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com