Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1-12N-10 Datasheet(PDF) 1 Page - Semikron International

Part # C1-12N-10
Description  CERAMIC CHIP INDUCTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

C1-12N-10 Datasheet(HTML) 1 Page - Semikron International

  C1-12N-10 Datasheet HTML 1Page - Semikron International C1-12N-10 Datasheet HTML 2Page - Semikron International C1-12N-10 Datasheet HTML 3Page - Semikron International C1-12N-10 Datasheet HTML 4Page - Semikron International C1-12N-10 Datasheet HTML 5Page - Semikron International C1-12N-10 Datasheet HTML 6Page - Semikron International C1-12N-10 Datasheet HTML 7Page - Semikron International C1-12N-10 Datasheet HTML 8Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
(a)
(c)
(b)
(d)
1. PART NO. EXPRESSION :
(b) Inductance code : 1N0 = 1.0nH
(a) Series code
2. C0NFIGURATION & DIMENSIONS :
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Body : ceramic ( Pb Free )
(b) Termination : ( Pb Free )
a
3. SCHEMATIC :
5. GENERAL SPECIFICATION :
C1 SERIES
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
26.01.2015
0.50± 0.05
BC
D
1.00± 0.05
A
0.50± 0.05
b
Ag(100%)
Ni(100%)-1.5um(min.)
Sn(100%)-3.0um(min.)
0.25± 0.10
C 1 - 1 N 0 S - □□
CERAMIC CHIP INDUCTORS
a) Operating temp. : -40° C to +105° C ( including self-temperature. rise )
A
D
(d) 10: Standard
11 ~ 99 : Internal control number
B
L
G
0.45~0.55
GH
Unit:m/m
1.50
L
0.45~0.55
Recommended PC Board Pattern
b) Storage condition (component in its packaging)
i) Temperature : -10 to 40° C
ii) Humidity : 60%
(c) Inductance Tolerence : S=± 0.3nH , J=± 5% , K=± 10%


Similar Part No. - C1-12N-10

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C1-12N-10 SUPERWORLD-C1-12N-10 Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
More results

Similar Description - C1-12N-10

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LMC2012 ABCO-LMC2012 Datasheet
636Kb / 4P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
   CERAMIC CHIP INDUCTORS
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
   CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
   CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
   CERAMIC CHIP INDUCTORS
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
   CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
   CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
   CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
   CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
   CERAMIC CHIP INDUCTORS
C0_SERIES SUPERWORLD-C0_SERIES Datasheet
373Kb / 7P
   CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com