Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQM21PN3R3NG0D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQM21PN3R3NG0D
Description  Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQM21PN3R3NG0D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQM21PN3R3NG0D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQM21PN3R3NG0D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQM21PN3R3NG0#
# indicates a package specification code.
< List of part numbers with package codes >
LQM21PN3R3NG0D , LQM21PN3R3NG0B
Shape
L size
2.0 ±0.15mm
W size
1.25 ±0.15mm
T size
0.9 ±0.1mm
Size code in inch (mm)
0805 (2012)
Specifications
Inductance
3.3µH ±30%
Inductance test frequency
1MHz
Rated current (Itemp) (Based on Temperature
rise)
0.8A(Ambient temperature 85℃)
0.55A(Ambient temperature
125℃)
Max. of DC resistance
0.207Ω
Avg. of DC resistance
0.165Ω(typ.)
Self resonance frequency (min.)
30MHz
Operating temperature range
-55∼125℃
Class of magnetic shield
Magnetic shield of ferrite
Notes
In operating temperature exceeding +85℃, derating of current is necessary for
LQM21P_G0 series.
Please apply the derating curve shown in chart according to the operating
temperature.
Please confirm the below "Notice (Rating)".
When applied Rated current to the Products, temperature rise caused by
self-generated heat shall be limited to 40 ℃ max.
References
Packaging
code
Specifications
Minimum quantity
φ180mm Paper taping
4000
Packing in bulk
1000
Mass (Typ.)
1 piece
0.012g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/04/20


Similar Part No. - LQM21PN3R3NG0D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM21PN3R3NGR MURATA-LQM21PN3R3NGR Datasheet
90Kb / 2P
   Inductor
LQM21PN3R3NGRB MURATA-LQM21PN3R3NGRB Datasheet
90Kb / 2P
   Inductor
LQM21PN3R3NGRD MURATA-LQM21PN3R3NGRD Datasheet
90Kb / 2P
   Inductor
logo
STMicroelectronics
LQM21PN3R3NGRD STMICROELECTRONICS-LQM21PN3R3NGRD Datasheet
2Mb / 48P
   High-performance class-G stereo headphone amplifier with I2C volume control
September 2011 Rev 2
More results

Similar Description - LQM21PN3R3NG0D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
PCA ELECTRONICS INC.
EPA3630 PCA-EPA3630 Datasheet
36Kb / 1P
   Inductor
logo
XFMRS Inc.
XF151510-2R4M XFMRS-XF151510-2R4M Datasheet
55Kb / 1P
   INDUCTOR
XF0206-HMCMC XFMRS-XF0206-HMCMC Datasheet
59Kb / 1P
   INDUCTOR
logo
SCHOTT CORPORATION
25554 SCHOTT-25554 Datasheet
34Kb / 1P
   INDUCTOR
logo
XFMRS Inc.
XF636025SH XFMRS-XF636025SH Datasheet
49Kb / 1P
   INDUCTOR
1XF10000T1M XFMRS-1XF10000T1M Datasheet
57Kb / 1P
   Inductor
XFWI575047-470M XFMRS-XFWI575047-470M Datasheet
35Kb / 1P
   INDUCTOR
XFWIC575047SH-100M XFMRS-XFWIC575047SH-100M Datasheet
42Kb / 1P
   INDUCTOR
XFWIC575047SH-102M XFMRS-XFWIC575047SH-102M Datasheet
47Kb / 1P
   INDUCTOR
XF1305-102 XFMRS-XF1305-102 Datasheet
41Kb / 1P
   INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com