Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24085 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24085
Description  Single-Chip Li-Ion and Li-Pol Charge Management IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24085 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24085_15 Datasheet HTML 1Page - Texas Instruments BQ24085_15 Datasheet HTML 2Page - Texas Instruments BQ24085_15 Datasheet HTML 3Page - Texas Instruments BQ24085_15 Datasheet HTML 4Page - Texas Instruments BQ24085_15 Datasheet HTML 5Page - Texas Instruments BQ24085_15 Datasheet HTML 6Page - Texas Instruments BQ24085_15 Datasheet HTML 7Page - Texas Instruments BQ24085_15 Datasheet HTML 8Page - Texas Instruments BQ24085_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
bq24085, bq24086, bq24087, bq24088
www.ti.com
SLUS784E – DECEMBER 2007 – REVISED DECEMBER 2015
5 Device Options
PACK
SAFETY
POWER
CHARGE
INPUT
TERMINATION
IC
PACK
VOLTAGE
TIMER
GOOD
DEVICES(1)(2)
VOLTAGE
OVERVOLTAGE
ENABLE
ENABLE
TEMP
DETECTION
ENABLE
STATUS
(ABSENT)
bq24086DRCR
With timer
4.2 V
6.5 V
TMR pin
TMR pin
PG pin
No
TS pin
enabled
bq24086DRCT
bq24085DRCR
With timer
4.2 V
6.5 V
TMR pin
TMR pin
PG pin
CE pin
No
enabled
bq24085DRCT
With
bq24087DRCR
4.2 V
6.5 V
TE pin
TMR pin
No
CE pin
No
termination
bq24087DRCT
enabled
bq24088DRCR
With timer
4.2 V
10.5 V
TMR pin
TMR pin
PG pin
No
TS pin
enabled
bq24088DRCT
(1)
The bq24085/6/7/8 are only available taped and reeled. Add suffix R to the part number for quantities of 3,000 devices per reel (for
example, bq24085DRCR). Add suffix T to the part number for quantities of 250 devices per reel (for example, bq24085/6/7DRCT).
(2)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq24085 bq24086 bq24087 bq24088


Similar Part No. - BQ24085_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results

Similar Description - BQ24085_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com