Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24085DRCTG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ24085DRCTG4
Description  Single-Chip Li-Ion and Li-Pol Charge Management IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24085DRCTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ24085DRCTG4 Datasheet HTML 7Page - Texas Instruments BQ24085DRCTG4 Datasheet HTML 8Page - Texas Instruments BQ24085DRCTG4 Datasheet HTML 9Page - Texas Instruments BQ24085DRCTG4 Datasheet HTML 10Page - Texas Instruments BQ24085DRCTG4 Datasheet HTML 11Page - Texas Instruments BQ24085DRCTG4 Datasheet HTML 12Page - Texas Instruments BQ24085DRCTG4 Datasheet HTML 13Page - Texas Instruments BQ24085DRCTG4 Datasheet HTML 14Page - Texas Instruments BQ24085DRCTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
BatteryVoltage,
V(BAT)
Charge
Complete
Status,
Charger
Off
VoltageRegulationand
ChargeTermination
Phase
PRE-CHARGE
CURRENT AND
TERMINATION
THRESHOLD
BatteryCurrent,
I(BAT)
DONE
DONE
T(CHG)
VO(REG)
FAST-CHARGE
CURRENT
I
I
O(PRECHG), (TERM)
IO(OUT)
Current
Regulation
Phase
Pre-
Conditioning
Phase
v(LOWV)
T(PRECHG)
bq24085, bq24086, bq24087, bq24088
www.ti.com
SLUS784E – DECEMBER 2007 – REVISED DECEMBER 2015
8 Detailed Description
8.1 Overview
The charge current is programmable using external components (RISET resistor). The charge process starts when
an external input power is connected to the system, the charger is enabled by CE = LO and the battery voltage is
below the recharge threshold, V(BAT) < V(RCH). When the charge cycle starts a safety timer is activated, if the
safety timer function is enabled. The safety timer timeout value is set by an external resistor connected to TMR
pin.
When the charger is enabled two control loops modulate the battery switch drain to source impedance to limit the
BAT pin current to the programmed charge current value (charge current loop) or to regulate the BAT pin voltage
to the programmed charge voltage value (charge voltage loop). If V(BAT) < V(LOWV) (3 V typical) the BAT pin
current is internally set to 10% of the programmed charge current value.
A typical charge profile for an operation condition that does not cause the IC junction temperature to exceed
TJ(REG), (112°C typical), is shown in Figure 8.
Figure 8. Charging Profile With TJ(REG)
If the operating conditions cause the IC junction temperature to exceed TJ(REG), the charge cycle is modified, with
the activation of the integrated thermal control loop. The thermal control loop is activated when a internal junction
temperature monitoring voltage is lower than a fixed, temperature stable internal voltage. The junction
temperature monitoring voltage is inversely proportional to the IC junction temperature. The thermal loop
overrides the other charger control loops and reduces the charge current until the IC junction temperature returns
to TJ(REG), effectively regulating the IC junction temperature.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: bq24085 bq24086 bq24087 bq24088


Similar Part No. - BQ24085DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085DRCTG4 TI-BQ24085DRCTG4 Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24085DRCTG4 TI1-BQ24085DRCTG4 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
More results

Similar Description - BQ24085DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24085DRCR TI-BQ24085DRCR Datasheet
1Mb / 35P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC
BQ24200DGNG4 TI1-BQ24200DGNG4 Datasheet
1Mb / 20P
[Old version datasheet]   SINGLE-CHIP LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR CURRENT-LIMITED APPLICATIONS
BQ24901 TI-BQ24901 Datasheet
266Kb / 18P
[Old version datasheet]   SINGLE-CELL LI-ION AND LI-POL CHARGE MANAGEMENT IC FOR OFFLINE APPLICATIONS
logo
Lowpower Semiconductor ...
LP28056S POWER-LP28056S Datasheet
522Kb / 8P
   1.2A Single-chip Li-ion and Li-POL Charge
logo
Texas Instruments
BQ2406X6X TI-BQ2406X6X_07 Datasheet
1Mb / 33P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ2406X TI-BQ2406X Datasheet
1Mb / 31P
[Old version datasheet]   1A SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24081 TI-BQ24081 Datasheet
163Kb / 10P
[Old version datasheet]   bq24081EVM 1-A Single-Chip Li-Ion and Li-Pol Charge Management IC Evaluation Module
BQ24085 TI1-BQ24085_17 Datasheet
1Mb / 42P
[Old version datasheet]   750-mA Single-Chip Li-Ion and Li-Pol Charge Management IC With Thermal Regulation
BQ24085 TI-BQ24085 Datasheet
1Mb / 34P
[Old version datasheet]   750 mA SINGLE-CHIP Li-Ion/Li-Pol CHARGE MANAGEMENT IC WITH THERMAL REGULATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com