Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27545YZFT-G1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ27545YZFT-G1
Description  Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27545YZFT-G1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ27545YZFT-G1 Datasheet HTML 6Page - Texas Instruments BQ27545YZFT-G1 Datasheet HTML 7Page - Texas Instruments BQ27545YZFT-G1 Datasheet HTML 8Page - Texas Instruments BQ27545YZFT-G1 Datasheet HTML 9Page - Texas Instruments BQ27545YZFT-G1 Datasheet HTML 10Page - Texas Instruments BQ27545YZFT-G1 Datasheet HTML 11Page - Texas Instruments BQ27545YZFT-G1 Datasheet HTML 12Page - Texas Instruments BQ27545YZFT-G1 Datasheet HTML 13Page - Texas Instruments BQ27545YZFT-G1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
bq27545-G1
SLUSAT0D – OCTOBER 2012 – REVISED DECEMBER 2015
www.ti.com
9 Detailed Description
9.1 Overview
The bq27545-G1 accurately predicts the battery capacity and other operational characteristics of a single Li-
based rechargeable cell. It can be interrogated by a system processor to provide cell information, such as state-
of-charge (SOC) and time-to-empty (TTE).
Information is accessed through a series of commands, called Standard Commands. Further capabilities are
provided by the additional Extended Commands set. Both sets of commands, indicated by the general format
Command(), are used to read and write information in the bq27545-G1 control and status registers, as well as its
data flash locations. Commands are sent from the system to the gauge using the bq27545-G1 serial
communications engine, and can be executed during application development, pack manufacture, or end-
equipment operation.
Cell information is stored in the bq27545-G1 in non-volatile flash memory. Many of these data flash locations are
accessible during application development. They cannot, generally, be accessed directly during end-equipment
operation. To access to these locations, use the bq27546-G1 companion evaluation software, individual
commands, or a sequence of data-flash-access commands. To access a desired data flash location, the correct
data flash Subclass and offset must be known.
The bq27545-G1 provides 64 bytes of user-programmable data flash memory, partitioned into two (2) 32-byte
blocks: Manufacturer Info Block A and Manufacturer Info Block B. This data space is accessed through a
data flash interface. For specific details on accessing the data flash, see Manufacturer Information Blocks. The
key to the bq27545-G1 high-accuracy gas gauging prediction is Texas Instrument’s proprietary Impedance Track
algorithm. This algorithm uses cell measurements, characteristics, and properties to create state-of-charge
predictions that can achieve less than 1% error across a wide variety of operating conditions and over the
lifetime of the battery.
The bq27545-G1 measures charge/discharge activity by monitoring the voltage across a small-value series
sense resistor (5 m
Ω to 20 mΩ typical) located between the CELL– and the battery’s PACK– terminal. When a
cell is attached to the bq27545-G1, cell impedance is learned based on cell current, cell open-circuit voltage
(OCV), and cell voltage under loading conditions.
The bq27545-G1 external temperature sensing is optimized with the use of a high accuracy negative
temperature coefficient (NTC) thermistor with R25 = 10 k
Ω ± 1% and B25/85 = 3435 K ± 1% (such as Semitec
103AT) for measurement. The bq27545-G1 can also be configured to use its internal temperature sensor. The
bq27545-G1 uses temperature to monitor the battery-pack environment, which is used for fuel gauging and cell
protection functionality.
To minimize power consumption, the bq27545-G1 has different power modes: NORMAL, SLEEP, FULLSLEEP,
and HIBERNATE. The bq27545-G1 passes automatically between these modes, depending upon the occurrence
of specific events, though a system processor can initiate some of these modes directly. Power Modes has more
details.
NOTE
FORMATTING CONVENTIONS IN THIS DOCUMENT:
Commands: italics with parentheses() and no breaking spaces. e.g., RemainingCapacity()
Data Flash: italics, bold, and breaking spaces. e.g., Design Capacity
Register bits and flags: italics with brackets[ ]. e.g., [TDA]
Data flash bits: italics, bold, and brackets[ ]. e.g., [LED1]
Modes and states: ALL CAPITALS. e.g., UNSEALED mode
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: bq27545-G1


Similar Part No. - BQ27545YZFT-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - BQ27545YZFT-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com