Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ33100PW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ33100PW
Description  Super Capacitor Manager
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ33100PW Datasheet(HTML) 3 Page - Texas Instruments

  BQ33100PW Datasheet HTML 1Page - Texas Instruments BQ33100PW Datasheet HTML 2Page - Texas Instruments BQ33100PW Datasheet HTML 3Page - Texas Instruments BQ33100PW Datasheet HTML 4Page - Texas Instruments BQ33100PW Datasheet HTML 5Page - Texas Instruments BQ33100PW Datasheet HTML 6Page - Texas Instruments BQ33100PW Datasheet HTML 7Page - Texas Instruments BQ33100PW Datasheet HTML 8Page - Texas Instruments BQ33100PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
1
2
3
NC
4
VCCPACK
5
6
VC2
7
VC3
8
VC4
9
10
SRP
CHG
VCC
NC
24
CHGOR
23
REG 27
22
GND
21
VC1
SRN
TS
VC5
RBI
20
19
LLEN
18
SCL
17
16
15
FAULT
11
12
CHGLVL0
SDA
14
13
VC5BAL
CHGLVL1
3
bq33100
www.ti.com
SLUS987B – JANUARY 2011 – REVISED DECEMBER 2015
Product Folder Links: bq33100
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
(1)
I = Input, O = Output, P = Power, IA = Analog Input, OD = Open Drain
5 Description (Continued)
Using its integrated high-performance analog peripherals, the bq33100 measures and maintains an accurate
record of available capacitance, state-of-health, voltage, current, temperature, and other critical parameters in
Super Capacitors, and reports the information to the system host controller over a 2-wire SMBus 1.1 compatible
interface.
The bq33100 provides firmware controlled protection on overvoltage, overtemperature, and overcharge along
with hardware controlled protection for overcurrent in discharge and short circuit protection during charge and
discharge.
6 Pin Configuration and Functions
PW Package
24-Pin TSSOP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
CHG
23
O
P-Channel FET drive for controlling charge
CHGLVL0
11
O
Charge Control Output 0
CHGLVL1
12
O
Charge Control Output 1
CHGOR
21
I
CHG Over Ride input. If not used connect to VSS
FAULT
15
O
Active high output to indicate fault condition.
GND
19
P
Ground
LLEN
17
O
Learn Load Enable Output
NC
2
O
Not used and must be connected to VCC
NC
22
-
No connect, leave pin floating
RBI
18
P
RAM backup pin to provide backup potential to the internal DATA RAM if power is momentarily lost by using
a capacitor attached between RBI and GND
REG27
20
P
Internal power supply 2.7-V bias output
SCL
16
I/OD
Serial clock input: Clocks data on SDA
SDA
14
I/OD
Serial Data: Transmits and Receives data
SRN
8
IA
Analog input pin connected to the internal ADC peripheral for measuring a small voltage between SRP and
SRN where SRN is the bottom of the sense resistor.
SRP
7
IA
Analog input pin connected to the internal ADC peripheral for measuring a small voltage between SRP and
SRN where SRP is the top of the sense resistor.
TS
9
IA
Thermistor input
VC1
3
IA
Sense voltage input terminal and external capacitor voltage balancing drive output for the 5th series
capacitor, and stack measurement input. See Series Capacitor Configuration for systems with less than 5
series
VC2
4
IA
Sense voltage input terminal and external capacitor voltage balancing drive output for the 4th series
capacitor. See Series Capacitor Configuration for systems with less than 5 series


Similar Part No. - BQ33100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ33100PW TI1-BQ33100PW Datasheet
662Kb / 56P
[Old version datasheet]   Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
BQ33100PWR TI1-BQ33100PWR Datasheet
662Kb / 56P
[Old version datasheet]   Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
More results

Similar Description - BQ33100PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ33100 TI1-BQ33100 Datasheet
662Kb / 56P
[Old version datasheet]   Super Capacitor Manager Capacitance Learning ESR Measurement
MARCH2011
logo
Illinois Capacitor, Inc...
405DLR2R5K ILLINOISCAPACITOR-405DLR2R5K Datasheet
83Kb / 4P
   Super capacitor
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
Linear Technology
LTC5800-IPR LINER-LTC5800-IPR_15 Datasheet
1Mb / 36P
   SmartMesh IP Network Manager 2.4GHz 802.15.4e Wireless Manager
LTP5903-WHR LINER-LTP5903-WHR_15 Datasheet
842Kb / 20P
   SmartMesh WirelessHART Network Manager Wireless Embedded Network Manager
logo
List of Unclassifed Man...
IDT77V550 ETC1-IDT77V550 Datasheet
129Kb / 19P
   SwitchStarTM Switch Manager
logo
National Semiconductor ...
PC16550DVX NSC-PC16550DVX Datasheet
84Kb / 3P
   Engineering Project Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
PANDUIT CORP.
WMPF1E PANDUIT-WMPF1E Datasheet
308Kb / 1P
   WMPF1E HORIZONTAL MANAGER
08A
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
   Battery Manager Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com