Electronic Components Datasheet Search |
|
DL50-P2228 Datasheet(PDF) 2 Page - SICK AG |
|
DL50-P2228 Datasheet(HTML) 2 Page - SICK AG |
2 / 7 page A B C D E F H I J K L M N O P Q R S T DL50-P2228 | Dx50 MID RANGE DISTANCE SENSORS 2 DISTANCE SENSORS | SICK Online data sheet | 2016-03-17 13:18:11 Subject to change without notice Ordering information Type Part no. DL50-P2228 1058986 Other models and accessories www.sick.com/Dx50 Detailed technical data Performance Measuring range 200 mm ... 50,000 mm, on reflective tape "Diamond Grade" 1) Resolution 0.1 mm Repeatability 0.5 mm / 0.3 mm / 0.25 mm 2) 3) 4) Accuracy ± 3 mm 5) Response time 10 ms / 40 ms / 160 ms 3) 6) Output time 2.5 ms 7) Light source Laser, red Laser class 1 (EN 60825-1) 8) Typ. light spot size (distance) 15 mm x 15 mm (10 m) Additional function Set moving average fast/medium/slow, switching mode: distance to object (DtO), teach-in, scaling and inversion of switching output, set hysteresis, multifunctional in- and output: laser off, external teach, switching output 2, inactive, Serial data output: continuous, on request, Set data transmission rate: 19,200, 38,400, 57,600, 115,200 bps, Set distance resolution for the SSI data output: 0.0625 mm / 0.1 mm / 0.125 mm / 1 mm, Unique measurement value, crosstalk safety, switch-off display, reset to factory default, lock user interface Laser service life (MTTF at 25 °C) 100,000 h 1) On reflective tape "Diamond Grade" 2) Equivalent to 1 σ. 3) Dependent on the averaging setting: fast/medium/slow. 4) Typical value. 5) 200 mm ... 4,000 mm: ≤ ± 5 mm. 6) Lateral entry of the object into the measuring range. 7) Continuous change of distance in measuring range. 8) Wavelength: 658 nm; max. output: 80 mW; pulse duration: 2.5 ns; duty cycle: 1/240. |
Similar Part No. - DL50-P2228 |
|
Similar Description - DL50-P2228 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |