Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS35-B15521 Datasheet(PDF) 3 Page - SICK AG

Part # DS35-B15521
Description  MID RANGE DISTANCE SENSORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

DS35-B15521 Datasheet(HTML) 3 Page - SICK AG

  DS35-B15521 Datasheet HTML 1Page - SICK AG DS35-B15521 Datasheet HTML 2Page - SICK AG DS35-B15521 Datasheet HTML 3Page - SICK AG DS35-B15521 Datasheet HTML 4Page - SICK AG DS35-B15521 Datasheet HTML 5Page - SICK AG DS35-B15521 Datasheet HTML 6Page - SICK AG DS35-B15521 Datasheet HTML 7Page - SICK AG DS35-B15521 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DS35-B15521 | Dx35
MID RANGE DISTANCE SENSORS
2016-03-19 03:03:08 | Online data sheet
Subject to change without notice
DISTANCE SENSORS | SICK
3
Interfaces
Switching output
2 x push-pull: PNP/NPN (100 mA), IO-Link 1) 2) 3)
Multifunctional input (MF)
1 x 4)
Hysteresis
0 mm ... 11,950 mm 5)
Data interface
IO-Link
1) Output Q short-circuit protected.
2) Voltage drop < 3 V.
3) Output Q2, adaptable: 4 mA ... 20 mA/0 V ... 10 V/switching output/Q1 not/deactivated.
4) Response time ≤ 60 ms.
5) Configurable via IO-Link.
Mechanics/electronics
Supply voltage Vs
DC 12 V ... 30 V 1) 2)
Ripple
≤ 5 Vpp 3)
Power consumption
≤ 1.7 W 4) 5)
Initialization time
≤ 500 ms
Warm-up time
≤ 20 min
Housing material
Plastic (ABS and PC)
Acrylic glass (PMMA)
Connection type
Male connector, M12, 5-pin
Indication
LEDs
Weight
65 g
1) Limit values, reverse-polarity protected, operation in short-circuit protected network: max. 8 A.
2) When using IO-Link output Vs > 18 V.
3) May not fall short of or exceed VS tolerances.
4) At 20 °C.
5) Without load.
Ambient data
Enclosure rating
IP 65, IP 67
Protection class
III
Ambient temperature
Operation: –30 °C ... +55 °C 1)
Storage: –40 °C ... +75 °C
Typ. Ambient light immunity
40 klx
Vibration resistance
EN 60068-2-6 / EN 60068-2-64
Shock resistance
EN 60068-2-27
1) Uv ≤ 24 V.


Similar Part No. - DS35-B15521

ManufacturerPart #DatasheetDescription
logo
SICK AG
DS35-B15221 SICK-DS35-B15221 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS35-B15821 SICK-DS35-B15821 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
More results

Similar Description - DS35-B15521

ManufacturerPart #DatasheetDescription
logo
SICK AG
DR35-B15822 SICK-DR35-B15822 Datasheet
1Mb / 7P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DT35-B15851 SICK-DT35-B15851 Datasheet
1Mb / 8P
   MID RANGE DISTANCE SENSORS
DS60-N51111 SICK-DS60-N51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DL60-P111B0015 SICK-DL60-P111B0015 Datasheet
608Kb / 7P
   MID RANGE DISTANCE SENSORS
DT50-2B215252 SICK-DT50-2B215252 Datasheet
1Mb / 9P
   MID RANGE DISTANCE SENSORS
DS30-N2253 SICK-DS30-N2253 Datasheet
687Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P41211 SICK-DS60-P41211 Datasheet
654Kb / 6P
   MID RANGE DISTANCE SENSORS
DS60-P51111 SICK-DS60-P51111 Datasheet
655Kb / 6P
   MID RANGE DISTANCE SENSORS
DT50-P2123 SICK-DT50-P2123 Datasheet
691Kb / 6P
   MID RANGE DISTANCE SENSORS
DT60-N111B0253 SICK-DT60-N111B0253 Datasheet
453Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com