Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLJP107M004R2700 Datasheet(PDF) 5 Page - AVX Corporation

Part # TLJP107M004R2700
Description  Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLJP107M004R2700 Datasheet(HTML) 5 Page - AVX Corporation

  TLJP107M004R2700 Datasheet HTML 1Page - AVX Corporation TLJP107M004R2700 Datasheet HTML 2Page - AVX Corporation TLJP107M004R2700 Datasheet HTML 3Page - AVX Corporation TLJP107M004R2700 Datasheet HTML 4Page - AVX Corporation TLJP107M004R2700 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AUGUST 2014
55
TLJ Series
Tantalum Solid Electrolytic Chip Capacitors
High CV Consumer Series
TEST
TLJ series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
2 x initial limit
Endurance
ΔC/C
within ±10% of initial value
ESR
1.25 x initial limit
Visual examination
no visible damage
Humidity
DCL
2 x initial limit
ΔC/C
within ±10% of initial value
ESR
1.25 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+125ºC +20ºC
Temperature
DCL
2 x IL*
n/a
2 x IL*
20 x IL*
25 x IL*
IL*
Stability
ΔC/C
n/a
+0/-20%
±5%
+20/-0%
+25/-0%
±5%
ESR
1.25 xIL* 2.5 x IL*
1.25 x IL* 1.25 x IL*
1.25 x IL* 1.25 x IL*
Visual examination
no visible damage
Surge
DCL
2 x initial limit
Voltage
ΔC/C
within ±5% of initial value
ESR
1.25 x initial limit
Determine after application of rated voltage for
2000 +48/-0 hours at 40±2ºC and then leaving 1-2
hours at room temperature. Also determine of 85ºC
temperature, category voltage for 2000 +48/-0
hours and then leaving 1-2 hours at room tempera-
ture. Power supply impedance to be ≤0.1Ω/V.
Determine after storage without applied voltage at
65±2ºC and 90-95% relative humidity for 500hrs
and then recovery 1-2 hours at room temperature
Test temperature: 40ºC+3/0ºC
Test voltage: 1.3 x rated voltage
Series protection resistance 1000±100Ω
Discharge resistance: 1000Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step
Temperature°C
Duration(min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+125+3/-0
15
6
+20±2
15
*Initial Limit
QUALIFICATION TABLE – CATEGORY 1
TEST
TLJ series (Temperature range -55ºC to +125ºC)
Condition
Characteristics
Visual examination
no visible damage
DCL
2 x initial limit
Endurance
ΔC/C
within +5/-30% of initial value
ESR
1.25 x initial limit
Visual examination
no visible damage
Humidity
DCL
2 x initial limit
ΔC/C
within ±10% of initial value
ESR
1.25 x initial limit
+20ºC
-55ºC
+20ºC
+85ºC
+125ºC +20ºC
Temperature
DCL
2 x IL*
n/a
2 x IL*
20 x IL*
25 x IL*
2 x IL*
Stability
ΔC/C
n/a
+5/-20%
±10%
+20/-0%
+25/-0%
±10%
ESR
1.25 xIL* 2.5 x IL*
1.25 x IL* 1.25 x IL*
1.25 x IL* 1.25 x IL*
Visual examination
no visible damage
Surge
DCL
2 x initial limit
Voltage
ΔC/C
within ±5% of initial value
ESR
1.25 x initial limit
Determine after application of rated voltage for
2000 +48/-0 hours at 40±2ºC and then leaving 1-2
hours at room temperature. Also determine of 85ºC
temperature, category voltage for 2000 +48/-0
hours and then leaving 1-2 hours at room tempera-
ture. Power supply impedance to be ≤0.1Ω/V.
Determine after storage without applied voltage at
65±2ºC and 90-95% relative humidity for 500hrs
and then recovery 1-2 hours at room temperature
Test temperature: 40ºC+3/0ºC
Test voltage: 1.3 x rated voltage
Series protection resistance 1000±100Ω
Discharge resistance: 1000Ω
Number of cycles: 1000x
Cycle duration: 6 min; 30 sec charge,
5 min 30 sec discharge
Step
Temperature°C
Duration(min)
1
+20±2
15
2
-55+0/-3
15
3
+20±2
15
4
+85+3/-0
15
5
+125+3/-0
15
6
+20±2
15
*Initial Limit
QUALIFICATION TABLE – CATEGORY 2


Similar Part No. - TLJP107M004R2700

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJP107M0042700 AVX-TLJP107M0042700 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJP107M0042700 AVX-TLJP107M0042700 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
More results

Similar Description - TLJP107M004R2700

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com