Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3485MM Datasheet(PDF) 5 Page - Texas Instruments

Part # LM3485MM
Description  Hysteretic PFET Buck Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3485MM Datasheet(HTML) 5 Page - Texas Instruments

  LM3485MM Datasheet HTML 1Page - Texas Instruments LM3485MM Datasheet HTML 2Page - Texas Instruments LM3485MM Datasheet HTML 3Page - Texas Instruments LM3485MM Datasheet HTML 4Page - Texas Instruments LM3485MM Datasheet HTML 5Page - Texas Instruments LM3485MM Datasheet HTML 6Page - Texas Instruments LM3485MM Datasheet HTML 7Page - Texas Instruments LM3485MM Datasheet HTML 8Page - Texas Instruments LM3485MM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM3485
www.ti.com
SNVS178H – JANUARY 2002 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
Specifications are for TJ = 25°C. Unless otherwise specified, VIN = 12 V, VISNS = VIN − 1 V, and VADJ = VIN − 1.1 V. Data sheet
minimum and maximum specification limits are specified by design, test, or statistical analysis.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
FB = 1.5 V (Not Switching)
250
Quiescent current at ground
IQ
µA
pin
(TJ = −40°C to 125°C)
400
1.226
1.242
1.258
VFB
Feedback voltage(3)
V
(TJ = −40°C to 125°C)
1.217
1.267
10
15
VHYST
Comparator hysteresis
mV
(TJ = −40°C to 125°C)
14
20
RADJ = 20 kΩ
110
Current limit comparator trip
VCL
(4)
mV
voltage
RADJ = 160 kΩ
880
VFB = 1.5 V
0
Current limit comparator
VCL_OFFSET
mV
offset
(TJ = −40°C to 125°C)
−20
20
VFB = 1.5 V
5.5
Current limit ADJ current
ICL_ADJ
µA
source
(TJ = −40°C to 125°C)
3.0
7.0
VADJ = 11.5 V
9
Current limit one shot off
TONMIN_CLCL
VISNS = 11.0 V
µs
time
(TJ = −40°C to 125°C)
6
14
VFB = 1.0 V
Source
5.5
ISOURCE = 100 mA
RPGATE
Driver resistance
Sink
8.5
ISink = 100 mA
Source
VIN = 7 V,
0.44
PGATE = 3.5 V
IPGATE
Driver output current
A
Sink
VIN = 7 V,
0.32
PGATE = 3.5 V
VFB = 1.0 V
300
IFB
FB pin bias current(5)
nA
(TJ = −40°C to 125°C)
750
Minimum on time in normal
VISNS = VADJ + 0.1 V
TONMIN_NOR
100
ns
operation
Cload on OUT = 1000 pF
(6)
VISNS = VADJ + 0.1 V
Minimum on time in current
T
VFB = 1.0 V
175
ns
limit
Cload on OUT = 1000 pF
(6)
Feedback voltage line
%VFB/ΔVIN
4.5
≤ VIN ≤ 35 V
0.010%
regulation
(1)
All limits are at room temperature unless otherwise specified. All room temperature limits are 100% tested. All limits at temperature
extremes are specified via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average
Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
The VFB is the trip voltage at the FB pin when PGATE switches from high to low.
(4)
VCL = ICL_ADJ × RADJ
(5)
Bias current flows out from the FB pin.
(6)
A 1000-pF capacitor is connected between VIN and PGATE.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3485


Similar Part No. - LM3485MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485MM NSC-LM3485MM Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM-NOPB TI-LM3485MM-NOPB Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3485MMX NSC-LM3485MMX Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
More results

Similar Description - LM3485MM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3485 NSC-LM3485 Datasheet
369Kb / 15P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485 TI-LM3485_15 Datasheet
1Mb / 24P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485 TI1-LM3485_14 Datasheet
1,023Kb / 22P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475_14 Datasheet
1Mb / 21P
[Old version datasheet]   Hysteretic PFET Buck Controller
logo
National Semiconductor ...
LM3475 NSC-LM3475 Datasheet
305Kb / 14P
   Hysteretic PFET Buck Controller
logo
Texas Instruments
LM3485MMX TI-LM3485MMX Datasheet
996Kb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3475 TI1-LM3475 Datasheet
1Mb / 25P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485MM TI-LM3485MM Datasheet
1Mb / 23P
[Old version datasheet]   Hysteretic PFET Buck Controller
LM3485EVAL TI-LM3485EVAL Datasheet
1,023Kb / 22P
[Old version datasheet]   LM3485 Hysteretic PFET Buck Controller
LM3475 TI-LM3475_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM3475 Hysteretic PFET Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com