Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3691TL-1.8 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM3691TL-1.8
Description  High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3691TL-1.8 Datasheet(HTML) 1 Page - Texas Instruments

  LM3691TL-1.8 Datasheet HTML 1Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 2Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 3Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 4Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 5Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 6Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 7Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 8Page - Texas Instruments LM3691TL-1.8 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
OUTPUT CURRENT (mA)
100
80
60
40
20
0
0.1
1
10
100
1000
VIN = 3.6V
VIN = 2.3V
VIN = 4.2V
LM3691
EN
B2
GND
MODE
A2
VIN
VOUT
COUT
IN
A1
SW
C1
FB
2.3 V to 5.5 V
CIN
C2
B1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3691
SNVS506J – MAY 2008 – REVISED DECEMBER 2015
LM3691 High-Accuracy, Miniature 1-A Step-Down DC-DC Converter
for Portable Applications
1 Features
3 Description
The
LM3691
step-down
DC-DC
converter
is
1
Input Voltage: 2.3 V to 5.5 V
optimized for powering ultra-low-voltage circuits from
Output Voltage: 0.75 V to 3.3 V
a single Li-Ion cell or 3 cell NiMH/NiCd batteries. It
±1% DC Output Voltage Precision
provides up to 1-A load current over an input voltage
range from 2.3 V to 5.5 V. There are several different
4-MHz Switching Frequency
fixed voltage output options available.
64-
μA (typical) Quiescent Current in ECO Mode
The LM3691 has a mode-control pin that allows the
1-A Maximum Load Capability
user to select Forced PWM mode or ECO mode that
Automatic ECO/PWM Mode Switching
changes modes between gated PWM mode and
MODE Pin to Select ECO/Forced PWM Mode
PWM automatically, depending on the load. In ECO
mode, the device offers superior efficiency and very
Current Overload and Thermal Shutdown
low IQ under light load conditions. ECO mode extends
Protections
the battery life through reduction of the quiescent
Only Three Tiny Surface-Mount External
current during light load conditions and system
Components Required (Solution Size Less Than
standby.
15 mm2)
The LM3691 is available in a 6-pin DSBGA package.
Only three external surface-mount components, a
2 Applications
1-
μH inductor, a 4.7-μF input capacitor, and a 4.7-μF
Mobile Phones
output capacitor, are required.
Hand-Held Radios
Device Information(1)
MP3 Players
PART NUMBER
PACKAGE
BODY SIZE (MAX)
Portable Hard Disk Drives
LM3691
DSBGA (6)
1.59 mm × 1.295 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application Circuit
Efficiency vs. Output Current
(VOUT = 1.8 V, ECO Mode)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3691TL-1.8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3691TL-1.8 NSC-LM3691TL-1.8 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
More results

Similar Description - LM3691TL-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3691 TI1-LM3691_14 Datasheet
2Mb / 23P
[Old version datasheet]   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable
logo
National Semiconductor ...
LM3691 NSC-LM3691 Datasheet
2Mb / 18P
   High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
logo
Texas Instruments
LM3691 TI-LM3691_15 Datasheet
2Mb / 24P
[Old version datasheet]   LM3691 High Accuracy, Miniature 1A, Step-Down DC-DC Converter for Portable Applications
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
logo
National Semiconductor ...
LM2619 NSC-LM2619_03 Datasheet
855Kb / 15P
   500mA Sub-Miniature Step-Down DC-DC Converter
logo
Texas Instruments
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com