Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS3702-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3702-Q1
Description  High-Accuracy, Overvoltage and Undervoltage Monitor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS3702-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3702-Q1 Datasheet HTML 7Page - Texas Instruments TPS3702-Q1 Datasheet HTML 8Page - Texas Instruments TPS3702-Q1 Datasheet HTML 9Page - Texas Instruments TPS3702-Q1 Datasheet HTML 10Page - Texas Instruments TPS3702-Q1 Datasheet HTML 11Page - Texas Instruments TPS3702-Q1 Datasheet HTML 12Page - Texas Instruments TPS3702-Q1 Datasheet HTML 13Page - Texas Instruments TPS3702-Q1 Datasheet HTML 14Page - Texas Instruments TPS3702-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
TPS3702-Q1
www.ti.com
SBVS261B – APRIL 2015 – REVISED DECEMBER 2015
7.3 Feature Description
7.3.1 Input (SENSE)
The TPS3702-Q1 combines two comparators with a precision reference voltage and a trimmed resistor divider.
Only a single external input is monitored by the two comparators because the resistor divider is internal to the
device. This configuration optimizes device accuracy because all resistor tolerances are accounted for in the
accuracy and performance specifications. Both comparators also include built-in hysteresis that provides some
noise immunity and ensures stable operation.
The SENSE input can vary from ground to 6.5 V (7.0 V, absolute maximum), regardless of the device supply
voltage used. Although not required in most cases, for noisy applications good analog design practice is to place
a 1-nF to 10-nF bypass capacitor at the SENSE input in order to reduce sensitivity to transient voltages on the
monitored signal.
For the undervoltage comparator, the undervoltage output is driven to logic low when the SENSE voltage drops
below the undervoltage falling threshold, VIT–(UV). When the voltage exceeds the undervoltage rising threshold,
VIT+(UV) (which is VIT-(UV) + VHYS), the undervoltage output goes to a high-impedance state; see Figure 1.
For the overvoltage comparator, the overvoltage output is driven to logic low when the voltage at SENSE
exceeds the overvoltage rising threshold, VIT+(OV). When the voltage drops below the overvoltage falling
threshold, VIT–(OV) (which is VIT+(OV) – VHYS), the overvoltage output goes to a high-impedance state; see
Figure 1. Together, these two comparators form a window-detection function as described in the Window
Comparator Considerations section. Also see the Device Nomenclature section.
7.3.2 Outputs (UV, OV)
In a typical TPS3702-Q1 application, the outputs are connected to a reset or enable input of a processor [such
as a digital signal processor (DSP), application-specific integrated circuit (ASIC), or other processor type] or the
outputs are connected to the enable input of a voltage regulator [such as a dc-dc converter or low-dropout
regulator (LDO)].
The TPS3702-Q1 provides two open-drain outputs (UV and OV) and uses pull-up resistors to hold these lines
high when the output goes to a high-impedance state. Connect the pull-up resistors to the proper voltage rails to
enable the outputs to be connected to other devices at the correct interface voltage levels. The TPS3702-Q1
outputs can be pulled up to 18 V, independent of the device supply voltage. To ensure proper voltage levels, give
some consideration when choosing the pull-up resistor values. The pull-up resistor value is determined by VOL,
output capacitive loading, and output leakage current (ID(leak)). These values are specified in the Electrical
Characteristics table. Use wired-OR logic to merge the undervoltage and overvoltage signals into one logic signal
that goes low if either outputs are asserted because of a fault condition.
Table 1 describes how the outputs are either asserted low or high impedance. See Figure 1 for a timing diagram
that describes the relationship between the threshold voltages and the respective output.
7.3.3 User-Configurable Accuracy Band (SET)
The TPS3702-Q1 has an innovative feature allowing each device to be set for one of two accuracy bands,
Table 3 describes the available accuracy bands with nominal thresholds ranging from ±2% to ±10% of the
monitored rail nominal voltage. Forcing the voltage on the SET pin above the high-level SET pin input voltage,
VIH(SET), sets the thresholds for the tighter window whereas forcing the voltage on the SET pin below the low-
level SET pin input voltage, VIL(SET), sets the thresholds for the wider window.
Using the TPS3702Cxxx-Q1 as an example, when VSET ≥ VIH(SET) the nominal thresholds are set to ±4% (see
Figure 15). Thus, when the positive-going and negative-going threshold accuracy is accounted for, the device
outputs an active low signal for voltage excursions outside a ±4.9% band (worst case), which is calculated by
taking the nominal threshold percentage for that given part number and adding that value to the threshold
accuracy found in the Specifications section. Similarly, when VSET ≤ VIL(SET), the nominal thresholds are set to
±9% and the device outputs an active low signal for voltage excursions outside the ±9.9% band (worst case).
The ability for the user to change the accuracy band allows a system to programmatically change the accuracy
band during certain conditions. One example is during system start up when the monitored voltage can be
slightly outside its typical accuracy specifications but a reset signal is not desired. In this case, VSET can be set
below VIL(SET) to detect voltage excursions outside the 10% band and, after the system is fully started up, VSET
can be pulled higher than VIH(SET), thus tightening the band to ±5%.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS3702-Q1


Similar Part No. - TPS3702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702AX18DDCR TI1-TPS3702AX18DDCR Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702AX18DDCT TI1-TPS3702AX18DDCT Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702AX33DDCR TI1-TPS3702AX33DDCR Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
TPS3702AX33DDCT TI1-TPS3702AX33DDCT Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
More results

Similar Description - TPS3702-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3702 TI1-TPS3702 Datasheet
1Mb / 28P
[Old version datasheet]   High-Accuracy, Overvoltage and Undervoltage Monitor
logo
Maxim Integrated Produc...
MAX16126EVKIT MAXIM-MAX16126EVKIT Datasheet
462Kb / 10P
   Adjustable Undervoltage and Overvoltage Thresholds
Rev 1; 7/16
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
3Mb / 120P
[Old version datasheet]   TPS389006 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
JUNE 2023
TPS3703 TI1-TPS3703 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V03 Datasheet
3Mb / 40P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI1-TPS3703_V01 Datasheet
1Mb / 33P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
TPS3703 TI-TPS3703_V02 Datasheet
2Mb / 36P
[Old version datasheet]   TPS3703 High Accuracy Overvoltage and Undervoltage Reset IC With Time Delay and Manual Reset
logo
Maxim Integrated Produc...
MAX14890E MAXIM-MAX14890E Datasheet
990Kb / 30P
   Overvoltage and Undervoltage Fault Detection
Rev 0; 3/15
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com