Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLJH157M006R0900 Datasheet(PDF) 1 Page - AVX Corporation

Part # TLJH157M006R0900
Description  Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TLJH157M006R0900 Datasheet(HTML) 1 Page - AVX Corporation

  TLJH157M006R0900 Datasheet HTML 1Page - AVX Corporation TLJH157M006R0900 Datasheet HTML 2Page - AVX Corporation TLJH157M006R0900 Datasheet HTML 3Page - AVX Corporation TLJH157M006R0900 Datasheet HTML 4Page - AVX Corporation TLJH157M006R0900 Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AUGUST 2014
51
TLJ
Type
W
Case Size
See table
above
157
Capacitance Code
pF code: 1st two digits
represent significant figures,
3rd digit represents multiplier
(number of zeros to follow)
M
Tolerance
M = ±20%
010
Rated DC Voltage
002 = 2.5Vdc
004 = 4Vdc
006 = 6.3Vdc
010 = 10Vdc
016 = 16Vdc
020 = 20Vdc
HOW TO ORDER
R
Packaging
R = Pure Tin 7" Reel
S = Pure Tin 13" Reel
Technical Data:
All technical data relate to an ambient temperature of +25°C
Capacitance Range:
10 μF to 1500 μF
Capacitance Tolerance:
±20%
Rated Voltage (VR)
-55°C
+40°C:
2.5
4
6.3
10
16
20
Category Voltage (VC)
at 85°C:
1.3
2
3.2
5
8
10
Category Voltage (VC)
at 125°C:
0.5
0.8
1.3
2
3.2
4
Temperature Range:
-55°C to +125°C with category voltage
Reliability:
0.2% per 1000 hours at 85°C, 0.5xVR with 0.1Ω/V series impedance with
60% confidence level
TECHNICAL SPECIFICATIONS
TLJ Series
Tantalum Solid Electrolytic Chip Capacitors
High CV Consumer Series
0200
ESR in mΩ
FEATURES
High Volumetric Efficiency
3x reflow 260°C compatible
13 case sizes available including low profile codes
Environmentally friendly
Consumer applications (e.g. mobiles phones, PDA etc.)
CV range: 10-1500μF / 2.5-20V
APPLICATIONS
Mobile phones
• MP3/4 players
CASE DIMENSIONS: millimeters (inches)
Code
EIA
EIA
L±0.20
W+0.20 (0.008)
H+0.20 (0.008)
W
1±0.20
A+0.30 (0.012)
S Min.
Code
Metric
(0.008)
-0.10 (0.004)
-0.10 (0.004)
(0.008)
-0.20 (0.008)
A
1206
3216-18
3.20 (0.126)
1.60 (0.063)
1.60 (0.063)
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
B
1210
3528-21
3.50 (0.138)
2.80 (0.110)
1.90 (0.075)
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
F
2312
6032-20
6.00 (0.236)
3.20 (0.126)
2.00 (0.079) max.
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
G
1206
3216-15
3.20 (0.126)
1.60 (0.063)
1.50 (0.059) max
1.20 0.047)
0.80 (0.031)
1.10 (0.043)
H
1210
3528-15
3.50 (0.138)
2.80 (0.110)
1.50 (0.059) max
2.20 (0.087)
0.80 (0.031)
1.40 (0.055)
K
1206
3216-10
3.20 (0.126)
1.60 (0.063)
1.00 (0.039) max
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
N
0805
2012-10
2.05 (0.081)
1.30 (0.051)
1.00 (0.039) max
1.00 (0.039)
0.50 (0.020)
0.85 (0.033)
P
0805
2012-15
2.05 (0.081)
1.35 (0.053)
1.50 (0.059) max
1.00±0.10
0.50 (0.020)
0.85 (0.033)
(0.039±0.004)
R
0805
2012-12
2.05 (0.081)
1.30 (0.051)
1.20 (0.047) max
1.00±0.10
0.50 (0.020)
0.85 (0.033)
(0.039±0.004)
S
1206
3216-12
3.20 (0.126)
1.60 (0.063)
1.20 (0.047) max
1.20 (0.047)
0.80 (0.031)
1.10 (0.043)
T
1210
3528-12
3.50 (0.138)
2.80 (0.110)
1.20 (0.047) max
2.20 (0.087)
0.80 (0.031)
1.40 (0.033)
V
2924
7361-38
7.30 (0.287)
6.10 (0.240)
3.55 (0.140)
3.10 (0.120)
1.30( 0.051)
4.40 (0.173)
W
2312
6032-15
6.00 (0.236)
3.20 (0.126)
1.50 (0.059) max
2.20 (0.087)
1.30 (0.051)
2.90 (0.114)
Y
2917
7343-20
7.30 (0.287)
4.30 (0.169)
2.00 (0.079) max
2.40 (0.094)
1.30 (0.051)
4.40 (0.173)
W1 dimension applies to the termination width for A dimensional area only.
LEAD-FREE COMPATIBLE
COMPONENT
A, B, F, G, H, K, S, T, V, W,
Y CASE
XXXXX
10 7 J
AVX LOGO
Capacitance Value in pF
107 = 100µF
Rated Voltage
J = 6.3V
Polarity
Band
(Anode+)
ID Code
N, P, R CASE
Rated Voltage Code
J = 6.3V
J
1 0 6
Capacitance Value in pF
106 = 10µF
Polarity
Band
(Anode+)
AVX LOGO
MARKING


Similar Part No. - TLJH157M006R0900

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJH157M0060900 AVX-TLJH157M0060900 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJH157M0060900 AVX-TLJH157M0060900 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
More results

Similar Description - TLJH157M006R0900

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TLJW157M010R0200 AVX-TLJW157M010R0200 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA107M006R0800 AVX-TLJA107M006R0800 Datasheet
111Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJP476M006R2500 AVX-TLJP476M006R2500 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJB227M006R0500 AVX-TLJB227M006R0500 Datasheet
118Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLJA476M010R0600 AVX-TLJA476M010R0600 Datasheet
112Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors High CV Consumer Series
TLCL226M006RTA AVX-TLCL226M006RTA Datasheet
126Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCR476M010XTA AVX-TLCR476M010XTA Datasheet
132Kb / 3P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLC-230666 AVX-TLC-230666 Datasheet
146Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TLCL226M006XTA AVX-TLCL226M006XTA Datasheet
205Kb / 4P
   Tantalum Solid Electrolytic Chip Capacitors Consumer Series
TCJB227M004R0070 AVX-TCJB227M004R0070 Datasheet
198Kb / 8P
   Tantalum Solid Electrolytic Chip Capacitors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com