Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS53219A Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS53219A
Description  Single Synchronous Step-Down Controller
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS53219A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS53219A_15 Datasheet HTML 4Page - Texas Instruments TPS53219A_15 Datasheet HTML 5Page - Texas Instruments TPS53219A_15 Datasheet HTML 6Page - Texas Instruments TPS53219A_15 Datasheet HTML 7Page - Texas Instruments TPS53219A_15 Datasheet HTML 8Page - Texas Instruments TPS53219A_15 Datasheet HTML 9Page - Texas Instruments TPS53219A_15 Datasheet HTML 10Page - Texas Instruments TPS53219A_15 Datasheet HTML 11Page - Texas Instruments TPS53219A_15 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
1.090
1.092
1.094
1.096
1.098
1.100
1.102
1.104
1.106
1.108
1.110
5
6
7
8
9
10
11
12
13
14
15
Input Voltage (V)
FCC Mode, No Load
Skip Mode, No Load
All Modes, IOUT = 20 A
fSW = 500 kHz
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Output Current (A)
Skip Mode, fSW = 500 kHz
FCC Mode, fSW = 500 kHz
Skip Mode, fSW = 300 kHz
FCC Mode, fSW = 300 kHz
VIN = 12 V
VOUT = 1.1 V
0
200
400
600
800
1000
1200
0
1
2
3
4
5
6
fSET = 300 kHz
fSET = 500 kHz
fSET = 750 kHz
fSET = 1 MHz
Output Voltage (V)
IOUT =10 A
VIN = 12 V
1.080
1.085
1.090
1.095
1.100
1.105
1.110
1.115
1.120
0
5
10
15
20
25
Output Current (A)
FCC Mode
Skip Mode
fSET = 500 kHz
VIN = 12 V
VOUT = 1.1 V
1
10
100
1000
0.01
0.1
1
10
100
Output Current (A)
FCC Mode
Skip Mode
fSET =750 kHz
VIN = 12 V
VOUT = 1.1 V
1
10
100
1000
0.01
0.1
1
10
100
Output Current (A)
FCC Mode
Skip Mode
fSET =1 MHz
VIN = 12 V
VOUT = 1.1 V
TPS53219A
SLUSAU4A – DECEMBER 2011 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
Figure 7. Switching Frequency vs Output Current
Figure 8. Switching Frequency vs Output Current
Figure 9. Switching Frequency vs Output Voltage
Figure 10. Output Voltage vs Output Current
Figure 11. Output Voltage vs Input Voltage
Figure 12. Efficiency vs Output Current
8
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TPS53219A


Similar Part No. - TPS53219A_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS53219ARGTR TI1-TPS53219ARGTR Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
TPS53219ARGTT TI1-TPS53219ARGTT Datasheet
1Mb / 26P
[Old version datasheet]   Wide Input Voltage, Eco-mode?? Single Synchronous Step-Down Controller
More results

Similar Description - TPS53219A_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A Datasheet
336Kb / 19P
   Single Synchronous Step-Down Controller
May, 2009 ??Rev. 0
logo
Texas Instruments
TPS53114PWR TI-TPS53114PWR Datasheet
954Kb / 27P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP81045 ONSEMI-NCP81045 Datasheet
302Kb / 17P
   Single Synchronous Step-Down Controller
October, 2012 ??Rev. P0
NCP5217A ONSEMI-NCP5217A_11 Datasheet
279Kb / 16P
   Single Synchronous Step-Down Controller
May, 2011 ??Rev. 2
logo
Texas Instruments
TPS51117 TI-TPS51117 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
logo
ON Semiconductor
NCP5212A ONSEMI-NCP5212A_09 Datasheet
356Kb / 19P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 3
NCP5217A ONSEMI-NCP5217A Datasheet
314Kb / 16P
   Single Synchronous Step-Down Controller
August, 2009 ??Rev. 1
logo
Texas Instruments
TPS51117RGYR TI-TPS51117RGYR Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER
TPS51117 TI-TPS51117_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS51117 Single Synchronous Step-Down Controller
logo
Vishay Siliconix
SIP12202 VISHAY-SIP12202 Datasheet
768Kb / 10P
   Synchronous Step Down Controller
Rev. A, 10-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com